Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3001IDR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # THS3001IDR
Description  420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3001IDR Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS3001IDR Datasheet HTML 21Page - Texas Instruments THS3001IDR Datasheet HTML 22Page - Texas Instruments THS3001IDR Datasheet HTML 23Page - Texas Instruments THS3001IDR Datasheet HTML 24Page - Texas Instruments THS3001IDR Datasheet HTML 25Page - Texas Instruments THS3001IDR Datasheet HTML 26Page - Texas Instruments THS3001IDR Datasheet HTML 27Page - Texas Instruments THS3001IDR Datasheet HTML 28Page - Texas Instruments THS3001IDR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
VI
VO
C1
+
−
RG
RF
R1
f
*3 dB +
1
2pR1C1
V
O
V
I
+
1 )
R
F
R
G
1
1 ) sR1C1
VI
C2
R2
R1
C1
RF
RG
R1 = R2 = R
C1 = C2 = C
Q = Peaking Factor
(Butterworth Q = 0.707)
(
=
1
Q
2 −
)
RG
RF
_
+
f
*3 dB
+
1
2pRC
+
−
C1
RF
RG
VO
VI
THS3001
V
O
V
I
+
R
F
R
G
S
)
1
R
F
C1
S
THS3001
www.ti.com................................................................................................................................................. SLOS217H – JULY 1998 – REVISED SEPTEMBER 2009
GENERAL CONFIGURATIONS
A common error for the first-time CFB user is the creation of a unity gain buffer amplifier by shorting the output
directly to the inverting input. A CFB amplifier in this configuration will oscillate and is not recommended. The
THS3001, like all CFB amplifiers, must have a feedback resistor for stable operation. Additionally, placing
capacitors directly from the output to the inverting input is not recommended. This is because, at high
frequencies, a capacitor has a low impedance. This results in an unstable amplifier and should not be considered
when using a current-feedback amplifier. Because of this, integrators and simple low-pass filters, which are
easily implemented on a VFB amplifier, have to be designed slightly differently. If filtering is required, simply
place an RC-filter at the noninverting terminal of the operational-amplifier (see Figure 56).
Figure 56. Single-Pole Low-Pass Filter
If a multiple-pole filter is required, the use of a Sallen-Key filter can work well with CFB amplifiers. This is
because the filtering elements are not in the negative feedback loop and stability is not compromised. Because of
their high slew rates and high bandwidths, CFB amplifiers can create accurate signals and help minimize
distortion. An example is shown in Figure 57.
Figure 57. 2-Pole Low-Pass Sallen-Key Filter
There are two simple ways to create an integrator with a CFB amplifier. The first, shown in Figure 58, adds a
resistor in series with the capacitor. This is acceptable because at high frequencies, the resistor is dominant and
the feedback impedance never drops below the resistor value. The second, shown in Figure 59, uses positive
feedback to create the integration. Caution is advised because oscillations can occur due to the positive
feedback.
Figure 58. Inverting CFB Integrator
Copyright © 1998–2009, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): THS3001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com