Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3001IDR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS3001IDR
Description  420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3001IDR Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS3001IDR Datasheet HTML 12Page - Texas Instruments THS3001IDR Datasheet HTML 13Page - Texas Instruments THS3001IDR Datasheet HTML 14Page - Texas Instruments THS3001IDR Datasheet HTML 15Page - Texas Instruments THS3001IDR Datasheet HTML 16Page - Texas Instruments THS3001IDR Datasheet HTML 17Page - Texas Instruments THS3001IDR Datasheet HTML 18Page - Texas Instruments THS3001IDR Datasheet HTML 19Page - Texas Instruments THS3001IDR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
t − Time − ns
Gain = −1
VCC = ±15 V
RL = 150 Ω
RF = 1 kΩ
tr/tf= 2.5 ns
2
0
1
−1
1
−1
0
30
20
10
40
50
70
60
80
90
100
3
−2
−3
t − Time − ns
Gain = 5
VCC = ±5 V
RL = 150 Ω
RF = 1 kΩ
tr/tf= 300 ps
−600
0
1
−1
200
−200
0
30
20
10
40
50
70
60
80
90
100
600
−2
−3
2
t − Time − ns
Gain = −1
VCC = ±5 V
RL = 150 Ω
RF = 1 kΩ
tr/tf= 300 ps
2
0
1
−1
1
−1
0
30
20
10
40
50
70
60
80
90
100
3
−2
−3
t − Time − ns
Gain = −5
VCC = ±5 V
RL = 150 Ω
RF = 1 kΩ
tr/tf= 300 ps
−600
0
1
−1
200
−200
0
30
20
10
40
50
70
60
80
90
100
600
−2
−3
2
THS3001
SLOS217H – JULY 1998 – REVISED SEPTEMBER 2009................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
LARGE SIGNAL PULSE RESPONSE
LARGE SIGNAL PULSE RESPONSE
Figure 42.
Figure 43.
LARGE SIGNAL PULSE RESPONSE
LARGE SIGNAL PULSE RESPONSE
Figure 44.
Figure 45.
16
Submit Documentation Feedback
Copyright © 1998–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com