Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3001IDR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS3001IDR
Description  420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3001IDR Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS3001IDR Datasheet HTML 15Page - Texas Instruments THS3001IDR Datasheet HTML 16Page - Texas Instruments THS3001IDR Datasheet HTML 17Page - Texas Instruments THS3001IDR Datasheet HTML 18Page - Texas Instruments THS3001IDR Datasheet HTML 19Page - Texas Instruments THS3001IDR Datasheet HTML 20Page - Texas Instruments THS3001IDR Datasheet HTML 21Page - Texas Instruments THS3001IDR Datasheet HTML 22Page - Texas Instruments THS3001IDR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
THS3001
www.ti.com................................................................................................................................................. SLOS217H – JULY 1998 – REVISED SEPTEMBER 2009
RECOMMENDED FEEDBACK AND GAIN RESISTOR VALUES
The THS3001 is fabricated using Texas Instruments 30-V complementary bipolar process, HVBiCOM. This
process provides the excellent isolation and extremely high slew rates that result in superior distortion
characteristics.
As with all current-feedback amplifiers, the bandwidth of the THS3001 is an inversely proportional function of the
value of the feedback resistor (see Figures 26 to 34). The recommended resistors for the optimum frequency
response are shown in Table 1. These should be used as a starting point and once optimum values are found,
1% tolerance resistors should be used to maintain frequency response characteristics. For most applications, a
feedback resistor value of 1 k
Ω is recommended - a good compromise between bandwidth and phase margin
that yields a stable amplifier.
Consistent with current-feedback amplifiers, increasing the gain is best accomplished by changing the gain
resistor, not the feedback resistor. This is because the bandwidth of the amplifier is dominated by the feedback
resistor value and internal dominant-pole capacitor. The ability to control the amplifier gain independent of the
bandwidth constitutes a major advantage of current-feedback amplifiers over conventional voltage-feedback
amplifiers. Therefore, once a frequency response is found suitable to a particular application, adjust the value of
the gain resistor to increase or decrease the overall amplifier gain.
Finally, it is important to realize the effects of the feedback resistance on distortion. Increasing the resistance
decreases the loop gain and increases the distortion. It is also important to know that decreasing load impedance
increases total harmonic distortion (THD). Typically, the third-order harmonic distortion increases more than the
second-order harmonic distortion.
Table 1. Recommended Resistor Values for Optimum
Frequency Response
GAIN
RF for VCC = ±15 V
RF for VCC = ±5 V
1
1 k
Ω
1 k
Ω
2, -1
680
Ω
750
Ω
2
620
Ω
620
Ω
5
560
Ω
620
Ω
OFFSET VOLTAGE
The output offset voltage, (VOO) is the sum of the input offset voltage (VIO) and both input bias currents (IIB) times
the corresponding gains. The following schematic and formula can be used to calculate the output offset voltage:
Figure 48. Output Offset Voltage Model
Copyright © 1998–2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): THS3001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com