Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3001IDR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # THS3001IDR
Description  420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3001IDR Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS3001IDR Datasheet HTML 20Page - Texas Instruments THS3001IDR Datasheet HTML 21Page - Texas Instruments THS3001IDR Datasheet HTML 22Page - Texas Instruments THS3001IDR Datasheet HTML 23Page - Texas Instruments THS3001IDR Datasheet HTML 24Page - Texas Instruments THS3001IDR Datasheet HTML 25Page - Texas Instruments THS3001IDR Datasheet HTML 26Page - Texas Instruments THS3001IDR Datasheet HTML 27Page - Texas Instruments THS3001IDR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
P
D +
T
MAX
–T
A
q
JA
Where:
PD
= Maximum power dissipation of THS3001 (watts)
TMAX = Absolute maximum junction temperature (150°C)
TA
= Free-ambient air temperature (
°C)
θJA = Thermal coefficient from die junction to ambient air (°C/W)
TA − Free-Air Temperature − °C
1
0
−20
20
1.5
0.5
0
40
100
−40
60
80
SOIC-D Package:
θJA = 169°C/W
TJ = 150°C
No Airflow
THS3001
SLOS217H – JULY 1998 – REVISED SEPTEMBER 2009................................................................................................................................................. www.ti.com
THERMAL INFORMATION
The THS3001 incorporates output-current-limiting protection. Should the output become shorted to ground, the
output current is automatically limited to the value given in the data sheet. While this protects the output against
excessive current, the device internal power dissipation increases due to the high current and large voltage drop
across the output transistors. Continuous output shorts are not recommended and could damage the device.
Additionally, connection of the amplifier output to one of the supply rails (±VCC) is not recommended. Failure of
the device is possible under this condition and should be avoided. But, the THS3001 does not incorporate
thermal-shutdown protection. Because of this, special attention must be paid to the device's power dissipation or
failure may result.
The thermal coefficient
θJA is approximately 169°C/W for the SOIC 8-pin D package. For a given θJA, the
maximum power dissipation, shown in Figure 55, is calculated by the following formula:
Figure 55. Maximum Power Dissipation vs Free-Air Temperature
24
Submit Documentation Feedback
Copyright © 1998–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com