Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024LCTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST8024LCTR
Description  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LCTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST8024LCTR Datasheet HTML 8Page - STMicroelectronics ST8024LCTR Datasheet HTML 9Page - STMicroelectronics ST8024LCTR Datasheet HTML 10Page - STMicroelectronics ST8024LCTR Datasheet HTML 11Page - STMicroelectronics ST8024LCTR Datasheet HTML 12Page - STMicroelectronics ST8024LCTR Datasheet HTML 13Page - STMicroelectronics ST8024LCTR Datasheet HTML 14Page - STMicroelectronics ST8024LCTR Datasheet HTML 15Page - STMicroelectronics ST8024LCTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Electrical characteristics
ST8024L
12/35
Doc ID 17709 Rev 5
|ICC|
Card supply current
VCC = 0 to 5 V
80
mA
VCC = 0 to 3 V
65
VCC = 0 to 1.8 V
45
VCC short-circuit to GND
90
120
SR
Slew rate
Slew up or down, VCC = 5 V; 3 V; 1.8 V;
|ICC| < 30 mA
0.08
0.15
0.22
V/µs
1.
VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise noted. Typical values are at TA = 25 °C. (All parameters remain
within limits but are tested only statistically for the temperature range. When a parameter is specified as a function of VDD or
VCC it means their actual value at the moment of measurement.)
2.
To meet these specifications, pin VCC should be decoupled to CGND using two 100 nF ceramic multilayer capacitors of
max. 350 m
Ω ESR. If V
CC slew rate is not critical, the capacitance value can be up to 400 nF. (See Figure 10).
Table 8.
Card supply voltage characteristics (continued)
Symbol
Parameter(1)
Test conditions
Min.
Typ.
Max.
Unit
Table 9.
Crystal connection (pins XTAL1 and XTAL2)
Symbol
Parameter(1)
Test conditions
Min.
Typ.
Max.
Unit
CXTAL1,2
External capacitance
on pins XTAL1,
XTAL2
Depends on type of crystal or resonator used
-
15
pF
fXTAL
Crystal frequency
2
-
26
MHz
fXTAL1
Frequency applied on
pin XTAL1
0-
26
MHz
VIH
High level input
voltage on pin XTAL1
0.7
VDD
-
VDD
+0.3
V
VIL
Low level input
voltage on pin XTAL1
-0.3
-
+0.3
VDD
V
1.
VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise noted. Typical values are at TA = 25 °C.
Table 10.
Data lines (pins I/O, I/OUC, AUX1, AUX2, AUX1UC, and AUX2UC)
Symbol
Parameter(1)
Test conditions
Min.
Typ.
Max.
Unit
tD(I/O-I/OUC),
tD(I/OUC-I/O)
I/O to I/OUC, I/OUC
to I/O falling edge
delay
-
-
200
ns
tPU
Active pull-up pulse
width
-
-
100
ns
fI/O(MAX)
Maximum frequency
on data lines
--
1
MHz
CI
Input capacitance on
data lines
-
-
10
pF
1.
VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise noted. Typical values are at TA = 25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com