Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024LCTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST8024LCTR
Description  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LCTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST8024LCTR Datasheet HTML 16Page - STMicroelectronics ST8024LCTR Datasheet HTML 17Page - STMicroelectronics ST8024LCTR Datasheet HTML 18Page - STMicroelectronics ST8024LCTR Datasheet HTML 19Page - STMicroelectronics ST8024LCTR Datasheet HTML 20Page - STMicroelectronics ST8024LCTR Datasheet HTML 21Page - STMicroelectronics ST8024LCTR Datasheet HTML 22Page - STMicroelectronics ST8024LCTR Datasheet HTML 23Page - STMicroelectronics ST8024LCTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Functional description
ST8024L
20/35
Doc ID 17709 Rev 5
6.3
Clock circuitry (only on SO-28 and TSSOP-28 packages)
The card clock signal (CLK) is derived from a clock signal input to pin XTAL1 or from
a crystal operating at up to 26 MHz connected between pins XTAL1 and XTAL2.
The clock frequency can be fXTAL, 1/2 x fXTAL, 1/4 x fXTAL, or 1/8 x fXTAL. Frequency selection
is made via inputs CLKDIV1 and CLKDIV2 (see Table 21).
The frequency change is synchronous, which means that during transition no pulse is
shorter than 45% of the smallest period, and that the first and last clock pulses regarding the
instant of change have the correct width.
When changing the frequency dynamically, the change is effective for only eight periods of
XTAL1 after the command. The duty factor of fXTAL depends on the signal present at pin
XTAL1. In order to reach a 45 to 55% duty factor on pin CLK, the input signal on pin XTAL1
should have a duty factor of 48 to 52% and transition times of less than 5% of the input
signal period.
If a crystal is used, the duty factor on pin CLK may be 45 to 55% depending on the circuit
layout and on the crystal characteristics and frequency. In other cases, the duty factor on pin
CLK is guaranteed between 45 and 55% of the clock period.
The crystal oscillator runs as soon as the ST8024L is powered up. If the crystal oscillator is
used, or if the clock pulse on pin XTAL1 is permanent, the clock pulse is applied to the card
as shown in the activation sequences in Figure 5 and Figure 6.
If the signal applied to XTAL1 is controlled by the system microcontroller, the clock pulse is
applied to the card when it is sent by the system microcontroller (after completion of the
activation sequence).
Table 21.
Clock frequency selection(1)
1.
The status of pins CLKDIV1 and CLKDIV2 must not be changed simultaneously; a delay of 10 ns minimum
between changes is needed. The minimum duration of any state of CLK is eight periods of XTAL1.
CLKDIV1
CLKDIV2
fCLK
00
fXTAL/8
01
fXTAL/4
11
fXTAL/2
10
fXTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com