Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024LCTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST8024LCTR
Description  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LCTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST8024LCTR Datasheet HTML 14Page - STMicroelectronics ST8024LCTR Datasheet HTML 15Page - STMicroelectronics ST8024LCTR Datasheet HTML 16Page - STMicroelectronics ST8024LCTR Datasheet HTML 17Page - STMicroelectronics ST8024LCTR Datasheet HTML 18Page - STMicroelectronics ST8024LCTR Datasheet HTML 19Page - STMicroelectronics ST8024LCTR Datasheet HTML 20Page - STMicroelectronics ST8024LCTR Datasheet HTML 21Page - STMicroelectronics ST8024LCTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Functional description
ST8024L
18/35
Doc ID 17709 Rev 5
6
Functional description
Throughout this document it is assumed that the reader is familiar with ISO7816
terminology.
6.1
Power supply
The supply pins for the ST8024L are VDD and GND. VDD should be in the range of 2.7 to
6.5 V. All signals interfacing with the system controller are referred to VDD, therefore VDD
should also supply the system controller. All card reader contacts remain inactive during
power-on or power-off.
The internal circuits are kept in the reset state until VDD reaches Vth2 +VHYS2 and for the
duration of the internal power-on reset pulse, tW (see Figure 4). When VDD falls below Vth2,
an automatic deactivation of the contacts is performed.
A step-up converter is incorporated to generate the 1.8 V (for those devices with the
1.8V pin), 3 V, or 5 V card supply voltage (VCC). The step-up converter should be supplied
separately by VDDP and PGND. Due to the possibility of large transient currents, the two
100 nF capacitors of the step-up converter should be located as near as possible to the
ST8024L and have an ESR less than 350 m
Ω.
During power-up, the VDD supply voltage must be applied prior to the VDDP supply voltage
or at the same time
After powering the device, OFF remains low until CMDVCC is set high.
During power-off, OFF falls low when VDD is below the falling threshold voltage.
6.2
Voltage supervisor
6.2.1
Without external divider on pin PORADJ
The voltage supervisor surveys the VDD supply. A defined reset pulse of approximately 8 ms
(tW) is used internally to keep the ST8024L inactive during power-on or power-off of the VDD
supply (see Figure 4).
As long as VDD is less than Vth2 + VHYS2, the ST8024L remains inactive regardless of the
levels on the command lines. This state also lasts for the duration of tW after VDD has
reached a level higher than Vth2 + VHYS2. When VDD falls below Vth2, a deactivation
sequence of the contacts is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com