Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024LCTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST8024LCTR
Description  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LCTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST8024LCTR Datasheet HTML 9Page - STMicroelectronics ST8024LCTR Datasheet HTML 10Page - STMicroelectronics ST8024LCTR Datasheet HTML 11Page - STMicroelectronics ST8024LCTR Datasheet HTML 12Page - STMicroelectronics ST8024LCTR Datasheet HTML 13Page - STMicroelectronics ST8024LCTR Datasheet HTML 14Page - STMicroelectronics ST8024LCTR Datasheet HTML 15Page - STMicroelectronics ST8024LCTR Datasheet HTML 16Page - STMicroelectronics ST8024LCTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
ST8024L
Electrical characteristics
Doc ID 17709 Rev 5
13/35
Table 11.
Data lines to card reader (pins I/O, AUX1, and AUX2 with integrated 11 k
Ω pull-up
resistor to VCC)
Symbol
Parameter(1)
Test conditions
Min.
Typ.
Max.
Unit
VO(inactive) Output voltage
Inactive mode
No load
0
0.1
V
IO(inactive) = 1 mA
0.3
IO(inactive) Output current
Inactive mode; pin grounded
-1
mA
VOH
High level output voltage
No DC load
0.9 VCC
VCC +0.1
V
5 V and 3 V cards; IOH < –40 µA
0.75 VCC
VCC +0.1
1.8 V card IOH < –40 µA
0.75 VCC
|IOH| ≥ 10 mA
0
0.4
VOL
Low level output voltage
IOL = 1 mA
0
0.2
V
IOL ≥ 15 mA
VCC–0.4
VCC
VIH
High level input voltage
5 V and 3 V cards
1.5
VCC +0.3
V
1.8 V card
0.6 VCC
VIL
Low level input voltage
5 V and 3 V cards
0.3
1.0
V
1.8 V card
0
0.2
|ILIH|
High level input leakage
current
VIH = VCC
10
µA
|IIL|
Low level input current
VIL = 0 V
600
µA
RPU
Integrated pull-up resistor Pull-up resistor to VCC
911
13
k
Ω
tT(DI)
Data input transition time
VIL max. to VIH min.
1.2
µs
tT(DO)
Data output transition
time
VO = 0 to VCC; CL ≤ 80 pF; 10% to
90%
0.1
µs
IPU
Current when pull-up
active
VOH = 0.9 VCC; CL = 80 pF
-2
mA
1.
VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise noted. Typical values are at TA = 25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com