Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024LCTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST8024LCTR
Description  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LCTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST8024LCTR Datasheet HTML 15Page - STMicroelectronics ST8024LCTR Datasheet HTML 16Page - STMicroelectronics ST8024LCTR Datasheet HTML 17Page - STMicroelectronics ST8024LCTR Datasheet HTML 18Page - STMicroelectronics ST8024LCTR Datasheet HTML 19Page - STMicroelectronics ST8024LCTR Datasheet HTML 20Page - STMicroelectronics ST8024LCTR Datasheet HTML 21Page - STMicroelectronics ST8024LCTR Datasheet HTML 22Page - STMicroelectronics ST8024LCTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
ST8024L
Functional description
Doc ID 17709 Rev 5
19/35
Figure 4.
Voltage supervisor
6.2.2
With an external divider on pin PORADJ
In this case, a resistor divider is connected to the PORADJ pin (see Figure 1). Vth(ext) rise
and Vth(ext) fall are the external rising threshold voltage and the external falling threshold
voltages on pin PORADJ that switch the device on and off. By knowing these values and
using the formula:
VDD UVLO threshold (falling) = (R1+R2)/R2 x Vth(ext)fall
VDD UVLO threshold (rising) = (R1+R2)/R2 x Vth(ext)rise
it is possible to set R1 and R2 in order to get suitable values for VDD undervoltage (UVLO)
thresholds, in order to turn the device on and off (R1 + R2 = 100 kΩ typ.).
In particular, R1 and R2 must be set so that, when VDD is getting low, before turning the
microcontroller off, the smartcard must also be switched off properly. The same is true for
the microcontroller startup - in such case the smartcard must be turned on after the
microcontroller. The reset pulse width tW is doubled to approximately 16 ms.
Input PORADJ is biased internally with a pull-down current source of 4 µA which is removed
when the voltage on pin PORADJ exceeds 1 V.
This ensures that after detection of the external divider by the ST8024L during power-on,
the input current on pin PORADJ does not cause inaccuracy of the divider voltage.
Note:
The Vth(ext) threshold of the ST8024L is slightly lower (by 80 mV typ.) than it was in the case
of the ST8024 device. If, for example, the microcontroller is shut down at 2.5 V, the
appropriate external resistor values must be chosen to ensure proper deactivation of the
ST8024L device.
6.2.3
Application examples
The voltage supervisor is used as power-on reset and as supply dropout detection during
a card session. Supply dropout detection is to ensure that a proper deactivation sequence is
followed before the voltage is too low. For the internal voltage supervisor to function, the
system microcontroller should operate down to 2.35 V to ensure a proper deactivation
sequence. If this is not possible, external resistor values can be chosen to overcome the
problem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com