Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024LCTR Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST8024LCTR
Description  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LCTR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST8024LCTR Datasheet HTML 23Page - STMicroelectronics ST8024LCTR Datasheet HTML 24Page - STMicroelectronics ST8024LCTR Datasheet HTML 25Page - STMicroelectronics ST8024LCTR Datasheet HTML 26Page - STMicroelectronics ST8024LCTR Datasheet HTML 27Page - STMicroelectronics ST8024LCTR Datasheet HTML 28Page - STMicroelectronics ST8024LCTR Datasheet HTML 29Page - STMicroelectronics ST8024LCTR Datasheet HTML 30Page - STMicroelectronics ST8024LCTR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
ST8024L
Applications
Doc ID 17709 Rev 5
27/35
7
Applications
Figure 10.
Hardware hookup
1.
These capacitors must be < 350 m
Ω ESR and be placed near the IC (within 10 mm).
2.
ST8024L and the microcontroller must use the same VDD supply.
3.
Make short, straight connections between CGND, C5, and the ground connection to the capacitor.
4.
Mount one ESR-type (< 350 m
Ω) 100 nF capacitor close to pin VCC.
5.
Mount one ESR-type (< 350 m
Ω) 100 nF capacitor close to C1 contact.
6.
The connection to C3 should be routed as far as possible from C2, C7, C4, and C8 and, if possible, surrounded by
grounded tracks.
7.
This is the optional resistor divider for changing the threshold of VDD when using the PORADJ function. If this divider is not
required, pin 18 should be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com