Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151F3P6 Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM8L151F3P6
Description  8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151F3P6 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM8L151F3P6 Datasheet HTML 101Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 102Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 103Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 104Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 105Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 106Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 107Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 108Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 112 page
background image
STM8L151x2, STM8L151x3
Package characteristics
Doc ID 018780 Rev 4
105/112
10.2.3
28-lead ultra thin fine pitch quad flat no-lead 4x4 mm package
(UFQFPN28)
Figure 45.
UFQFPN28 package outline
1.
Drawing is not to scale.
Table 60.
UFQFPN28 package mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.500
0.550
0.600
0.0197
0.0217
0.0236
A1
-0.050
0.000
0.050
-0.0020
0.0000
0.0020
D
3.900
4.000
4.100
0.1535
0.1575
0.1614
D1
2.900
3.000
3.100
0.1142
0.1181
0.1220
E
3.900
4.000
4.100
0.1535
0.1575
0.1614
E1
2.900
3.000
3.100
0.1142
0.1181
0.1220
L
0.300
0.400
0.500
0.0118
0.0157
0.0197
L1
0.250
0.350
0.450
0.0098
0.0138
0.0177
T
0.152
0.0060
b
0.200
0.250
0.300
0.0079
0.0098
0.0118
e
0.500
0.0197
T
e
b
Seating
Plane
A1
A
Co 130x45°
Pin 1 corner
L1
L
Ro.125 Typ.
28
1
Detail Z
D
D1
E
E1
Pin 1 ID
Seating
Plane
B
A
Detail Z
A0B0_ME_V4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com