Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151F3P6 Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM8L151F3P6
Description  8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151F3P6 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM8L151F3P6 Datasheet HTML 104Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 105Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 106Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 107Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 108Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 109Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 110Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 111Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 112Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 108 / 112 page
background image
Package characteristics
STM8L151x2, STM8L151x3
108/112
Doc ID 018780 Rev 4
Table 61.
UFQFPN20 - 20-lead ultra thin fine pitch quad flat package (3x3)
package mechanical data
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
D
3.000
0.1181
E
3.000
0.1181
A
0.500
0.550
0.600
0.0197
0.0217
0.0236
A1
0.000
0.020
0.050
0.0000
0.0008
0.0020
A3
0.152
0.0060
θ
0 °
12 °
0 °
12 °
e
0.500
0.0197
L1
0.500
0.550
0.600
0.0197
0.0217
0.0236
L2
0.300
0.350
0.400
0.0118
0.0138
0.0157
L3
0.150
0.0059
L4
0.200
0.0079
b
0.180
0.250
0.300
0.0071
0.0098
0.0118
Tolerance (mm)
Tolerance (inches)
ddd
0.050
0.0020
1.
Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com