Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151F3P6 Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM8L151F3P6
Description  8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151F3P6 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM8L151F3P6 Datasheet HTML 104Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 105Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 106Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 107Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 108Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 109Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 110Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 111Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 112Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 110 / 112 page
background image
Device ordering information
STM8L151x2, STM8L151x3
110/112
Doc ID 018780 Rev 4
11
Device ordering information
Figure 50.
Low density STM8L15xxx ordering information scheme
1.
For a list of available options (e.g. memory size, package) and orderable part numbers or for further
information on any aspect of this device, please contact the ST sales office nearest to you
STM8
L
151
C
3
T
6
D
Product class
STM8 microcontroller
Pin count
C = 48 pins
K = 32 pins
G = 28 pins
F = 20 pins
Package
U = UFQFPN
T = LQFP
P = TSSOP
Example:
Sub-family type
151 = Ultralow power
Family type
L = Low power
Temperature range
3 = -40 to 125 °C
6 = -40 to 85 °C
Program memory size
3 = 8 Kbytes
2 = 4 Kbytes
Option
Blank = VDD range from 1.8 to 3.6 V and BOR enabled
D = VDD range from 1.65 to 3.6 V and BOR disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com