Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P33TF70 Datasheet(PDF) 41 Page - Numonyx B.V

Part # JS28F640P33TF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P33TF70 Datasheet(HTML) 41 Page - Numonyx B.V

Back Button JS28F640P33TF70 Datasheet HTML 37Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 38Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 39Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 40Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 41Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 42Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 43Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 44Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 45Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
Datasheet
Jul 2011
41
Order Number:208034-04
P33-65nm SBC
.
11.2.1
Reading the OTP Registers
The OTP Registers can be read from OTP-RA address. To read the OTP Register, first
issue the Read Device Identifier command at OTP-RA address to place the device in the
Read Device Identifier state (see Section 6.2, “Device Command Bus Cycles” on
page 18). Next, perform a read operation using the address offset corresponding to the
register to be read. Table 7, “Device Identifier Information” on page 21 shows the
address offsets of the OTP Registers and Lock Registers. PR data is read 16 bits at a
time.
11.2.2
Programming the OTP Registers
To program any of the OTP Registers, first issue the Program OTP Register command at
the parameter’s base address plus the offset to the desired OTP Register (see Section
6.2, “Device Command Bus Cycles” on page 18). Next, write the desired OTP Register
data to the same OTP Register address (see Figure 12, “OTP Register Map” on
page 41).
Figure 12: OTP Register Map
0x89
Lock Register 1
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
0x102
0x109
0x8A
0x91
128-bit OTP Register 16
(User-Programmable)
128-bit OTP Register 1
(User-Programmable)
0x88
0x85
64-bit Segment
(User-Programmable)
0x84
0x81
0x80
Lock Register 0
64-bit Segment
(Factory-Programmed)
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
128-Bit OTP Register 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com