Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P33TF70 Datasheet(PDF) 60 Page - Numonyx B.V

Part # JS28F640P33TF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P33TF70 Datasheet(HTML) 60 Page - Numonyx B.V

Back Button JS28F640P33TF70 Datasheet HTML 56Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 57Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 58Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 59Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 60Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 61Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 62Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 63Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 64Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
60
Order Number: 208034-04
Appendix A Supplemental Reference Information
A.1
Common Flash Interface
The Common Flash Interface (CFI) is part of an overall specification for multiple
command-set and control-interface descriptions. This appendix describes the database
structure containing the data returned by a read operation after issuing the Read CFI
command (see Section 6.2, “Device Command Bus Cycles” on page 18). System
software can parse this database structure to obtain information about the flash device,
such as block size, density, bus width, and electrical specifications. The system
software will then know which command set(s) to use to properly perform flash writes,
block erases, reads and otherwise control the flash device.
A.1.1
Query Structure Output
The Query database allows system software to obtain information for controlling the
flash device. This section describes the device’s CFI-compliant interface that allows
access to Query data.
Query data are presented on the lowest-order data outputs (DQ7-0) only. The numerical
offset value is the address relative to the maximum bus width supported by the device.
On this family of devices, the Query table device starting address is a 10h, which is a
word address for x16 devices.
For a word-wide (x16) device, the first two Query-structure bytes, ASCII “Q” and “R,”
appear on the low byte at word addresses 10h and 11h. This CFI-compliant device
outputs 00h data on upper bytes. The device outputs ASCII “Q” in the low byte (DQ7-0)
and 00h in the high byte (DQ15-8).
At Query addresses containing two or more bytes of information, the least significant
data byte is presented at the lower address, and the most significant data byte is
presented at the higher address.
In all of the following tables, addresses and data are represented in hexadecimal
notation, so the “h” suffix has been dropped. In addition, since the upper byte of word-
wide devices is always “00h,” the leading “00” has been dropped from the table
notation and only the lower byte value is shown. Any x16 device outputs have 00h on
the upper byte in this mode.
Table 28: Summary of Query Structure Output as a Function of Device and Mode
Device
Hex
Offset
Hex
Code
ASCII
Value
00010:
51
"Q"
Device Addresses
00011:
52
"R"
00012:
59
"Y"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com