Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P33TF70 Datasheet(PDF) 20 Page - Numonyx B.V

Part # JS28F640P33TF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P33TF70 Datasheet(HTML) 20 Page - Numonyx B.V

Back Button JS28F640P33TF70 Datasheet HTML 16Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 17Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 18Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 19Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 20Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 21Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 22Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 23Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 24Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
20
Order Number: 208034-04
7.0
Read Operation
The device can be in any of four read states: Read Array, Read Identifier, Read Status
or Read Query. Upon power-up, or after a reset, the device defaults to Read Array
mode. To change the read state, the appropriate read command must be written to the
device (see Section 6.2, “Device Command Bus Cycles” on page 18). The following
sections describe read-mode operations in detail.
The device supports two read modes: asynchronous page mode and synchronous burst
mode. Asynchronous page mode is the default read mode after device power-up or a
reset. The RCR must be configured to enable synchronous burst reads of the flash
memory array (see Section 11.1, “Read Configuration Register” on page 33).
7.1
Asynchronous Page-Mode Read
Following a device power-up or reset, asynchronous page mode is the default read
mode and the device is set to Read Array mode. However, to perform array reads after
any other device operation (e.g. write operation), the Read Array command must be
issued in order to read from the flash memory array.
To perform an asynchronous page-mode read, an address is driven onto the address
bus, and CE# and ADV# are asserted. WE# and RST# must already have been
deasserted. WAIT is deasserted during asynchronous page mode. ADV# can be driven
high to latch the address, or it must be held low throughout the read cycle. CLK is not
used for asynchronous page-mode reads, and is ignored. If only asynchronous reads
are to be performed, CLK should be tied to a valid VIH or VILlevel, WAIT signal can be
floated and ADV# must be tied to ground. Array data is driven onto DQ[15:0] after an
initial access time tAVQV delay. (see Section 15.0, “AC Characteristics” on page 48).
In asynchronous page mode, eight data words are “sensed” simultaneously from the
flash memory array and loaded into an internal page buffer. The buffer word
corresponding to the initial address on the Address bus is driven onto DQ[15:0] after
the initial access delay. The lowest four address bits determine which word of the
16-word page is output from the data buffer at any given time.
7.2
Synchronous Burst-Mode Read
To perform a synchronous burst-read, an initial address is driven onto the address bus,
and CE# and ADV# are asserted. WE# and RST# must already have been deasserted.
ADV# is asserted, and then deasserted to latch the address. Alternately, ADV# can
remain asserted throughout the burst access, in which case the address is latched on
the next valid CLK edge while ADV# is asserted.
During synchronous array and non-array read modes, the first word is output from the
data buffer on the next valid CLK edge after the initial access latency delay (see Section
11.1.2, “Latency Count (RCR[13:11])” on page 34). Subsequent data is output on valid
CLK edges following a minimum delay. However, for a synchronous non-array read, the
same word of data will be output on successive clock edges until the burst length
requirements are satisfied. Refer to the following waveforms for more detailed
information:
• Figure 20, “Synchronous Single-Word Array or Non-array Read Timing” on page 52
• Figure 21, “Continuous Burst Read, showing an Output Delay Timing” on page 53
• Figure 22, “Synchronous Burst-Mode Four-Word Read Timing” on page 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com