Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P33TF70 Datasheet(PDF) 18 Page - Numonyx B.V

Part # JS28F640P33TF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P33TF70 Datasheet(HTML) 18 Page - Numonyx B.V

Back Button JS28F640P33TF70 Datasheet HTML 14Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 15Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 16Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 17Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 18Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 19Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 20Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 21Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 22Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
18
Order Number: 208034-04
6.2
Device Command Bus Cycles
Device operations are initiated by writing specific device commands to the CUI. See
Table 6, “Command Bus Cycles” on page 18. Several commands are used to modify
array data including Word Program and Block Erase commands. Writing either
command to the CUI initiates a sequence of internally-timed functions that culminate in
the completion of the requested task. However, the operation can be aborted by either
asserting RST# or by issuing an appropriate suspend command.
Configuration
0x60
Read Configuration
Register Setup
First cycle of a 2-cycle command; prepares the CUI for device read
configuration. If the Set Read Configuration Register command (0x03) is not
the next command, the CUI sets Status Register bits SR.5 and SR.4,
indicating a command sequence error.
0x03
Read Configuration
Register
If the previous command was Read Configuration Register Setup (0x60), the
CUI latches the address and writes A[16:1]to the Read Configuration
Register. Following a Configure RCR command, subsequent read operations
access array data.
blank check
0xBC
Blank Check
First cycle of a 2-cycle command; initiates the Blank Check operation on a
main block.
0xD0
Blank Check
Confirm
Second cycle of blank check command sequence; it latches the block address
and executes blank check on the main array block.
other
0xEB
Extended Function
Interface
This command is used in extended function interface. first cycle of a multiple-
cycle command second cycle is a Sub-Op-Code, the data written on third
cycle is one less than the word count; the allowable value on this cycle are 0
through 511. The subsequent cycles load data words into the program buffer
at a specified address until word count is achieved.
Table 5:
Command Codes and Definitions (Sheet 3 of 3)
Mode
Code
Device Mode
Description
Table 6:
Command Bus Cycles (Sheet 1 of 2)
Mode
Command
Bus
Cycles
First Bus Cycle
Second Bus Cycle
Oper
Addr(1)
Data(2)
Oper
Addr(1)
Data(2)
Read
Read Array
1
Write
DnA
0xFF
-
-
-
Read Device
Identifier
≥ 2Write
DnA
0x90
Read
DBA + IA
ID
Read CFI
≥ 2Write
DnA
0x98
Read
DBA + CFI-A
CFI-D
Read Status Register
2
Write
DnA
0x70
Read
DnA
SRD
Clear Status Register
1
Write
DnA
0x50
-
-
-
Program
Word Program
2
Write
WA
0x40
Write
WA
WD
Buffered Program(3)
> 2
Write
WA
0xE8
Write
WA
N - 1
Buffered Enhanced
Factory Program
(BEFP)(4)
> 2
Write
WA
0x80
Write
WA
0xD0
Erase
Block Erase
2
Write
BA
0x20
Write
BA
0xD0
Suspend
Program/Erase
Suspend
1Write
DnA
0xB0
-
-
-
Program/Erase
Resume
1Write
DnA
0xD0-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com