Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P33TF70 Datasheet(PDF) 42 Page - Numonyx B.V

Part # JS28F640P33TF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P33TF70 Datasheet(HTML) 42 Page - Numonyx B.V

Back Button JS28F640P33TF70 Datasheet HTML 38Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 39Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 40Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 41Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 42Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 43Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 44Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 45Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 46Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
42
Order Number: 208034-04
The device programs the 64-bit and 128-bit user-programmable OTP Register data 16
bits at a time (see Figure 36, “OTP Register Programming Flowchart” on page 79).
Issuing the Program OTP Register command outside of the OTP Register’s address
space causes a program error (SR.4 set). Attempting to program a locked OTP Register
causes a program error (SR.4 set) and a lock error (SR.1 set).
Note:
When programming the OTP bits in the OTP Registers for a Top Parameter Device, the
following upper address bits must also be driven properly: A[Max:17] driven high (VIH).
11.2.3
Locking the OTP Registers
Each OTP Register can be locked by programming its respective lock bit in the Lock
Register. To lock a OTP Register, program the corresponding bit in the Lock Register by
issuing the Program Lock Register command, followed by the desired Lock Register
data (see Section 6.2, “Device Command Bus Cycles” on page 18). The physical
addresses of the Lock Registers are 0x80 for register 0 and 0x89 for register 1. These
addresses are used when programming the Lock Registers (see Table 7, “Device
Identifier Information” on page 21).
Bit 0 of Lock Register 0 is already programmed during the manufacturing process at the
“factory”, locking the lower, pre-programmed 64-bit region of the first 128-bit OTP
Register containing the unique identification number of the device. Bit 1 of Lock
Register 0 can be programmed by the user to lock the user-programmable, 64-bit
region of the first 128-bit OTP Register. When programming Bit 1 of Lock Register 0, all
other bits need to be left as ‘1’ such that the data programmed is 0xFFFD.
Lock Register 1 controls the locking of the upper sixteen 128-bit OTP Registers. Each of
the 16 bits of Lock Register 1 correspond to each of the upper sixteen 128-bit OTP
Registers. Programming a bit in Lock Register 1 locks the corresponding 128-bit OTP
Register.
Caution:
After being locked, the OTP Registers cannot be unlocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com