Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P33TF70 Datasheet(PDF) 74 Page - Numonyx B.V

Part # JS28F640P33TF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P33TF70 Datasheet(HTML) 74 Page - Numonyx B.V

Back Button JS28F640P33TF70 Datasheet HTML 70Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 71Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 72Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 73Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 74Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 75Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 76Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 77Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 78Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
74
Order Number: 208034-04
Figure 31: Erase Suspend/Resume Flowchart
Erase
Completed
Read Array
Data
0
0
No
Read
1
Program
Program
Loop
Read Array
Data
1
Start
Read Status
Register
SR[7] =
SR[6] =
Erase
Resumed(1)
Read or
Program?
Done
Write
Write
Idle
Idle
Write
Erase
Suspend
Read Array
or Program
None
None
Erase
Resume
Data = 0xB0
Addr = Any device address
Data = 0xFF or 0x40
Addr = Any address within the
suspended device
Check SR[7]:
1 = WSM ready
0 = WSM busy
Check SR[6]:
1 = Erase suspended
0 = Erase completed
Data = 0xD0
Addr = Any device address
Bus
Operation
Command
Comments
Read
None
Status Register data .
Addr = Any device address
Read or
Write
None
Read array or program data from /to
block other than the one being erased
ERASE SUSPEND / RESUME PROCEDURE
If the suspended partition was placed in
Read Array mode or a Program Loop :
Write 0xB0,
Any device
address
(Erase Suspend)
Write 0x70,
Any device Address
(Read Status)
Write 0xD0,
Any Address
(Erase Resume)
Write 0x70,
Any device
Address
(Read Status)
Write 0xFF,
Any device
Address
(Read Array)
Write
Read
Status
Data = 0x70
Addr = Any device address
Yes
Write
Read
Status
Register
Return device to Status mode :
Data = 0x70
Addr = Any device Address
Note:
1. The tERS/SUSP timing between the initial block erase or erase
resume command and a subsequent erase suspend command
should be followed .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com