Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5470ZHKA Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS320VC5470ZHKA
Description  TMS320VC5470 Fixed-Point Digital Signal Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470ZHKA Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320VC5470ZHKA Datasheet HTML 35Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 36Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 37Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 38Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 39Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 40Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 41Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 42Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
MCU Subsystem Functional Overview
30
December 2001 − Revised December 2002
SPRS017B
4.2
MCU Memory Interface
The MCU memory interface connects the MCU to the internal and external memories and peripherals via a
32-bit-wide data bus. This bus supports MCU access sizes of 8 bits, 16 bits, and 32 bits. All peripheral control
registers are implemented as 32-bit devices and should only be accessed using 32-bit operations.
The MCU memory interface allows endian configuration. Generally, a system should be configured so that
all peripherals operate in the same endian mode. In cases where mixed endianness is used, the software
engineer must carefully control accesses to resources which are configured for the endianness that is
opposite to that of the MCU.
The MCU memory interface also provides management of external accesses. External devices supported
include ROM (Flash), SRAM, and SDRAM. The external data bus is a 32-bit bidirectional bus. The following
access management features for MCU accesses to external memory and peripherals are provided:
•
Five external chip-select signals, each with a dedicated 8M-byte range of the MCU memory map.
•
MCU access duration management (wait-state insertion) to enable the connection of slow memory
devices, and support for intercycle delays to prevent external data bus contention.
•
MCU read and write access size adaptation for MCU accesses to external non-SDRAM memory or
peripherals with 32-bit, 16-bit, and 8-bit data bus width.
•
MCU read and write access size adaptation for MCU accesses to external SDRAM memory with 32-bit
or 16-bit data bus width.
The MCU memory ranges associated with each external memory chip-select (CS0−CS3, CS4) may be
configured in little-endian or big-endian mode. The MCU processor is also configured to operate in big/little
endian mode based on the state of “BIGEND” during power-up/reset time. MCU code that accesses a
resource that is configured with a different endianness than the MCU must perform the appropriate address
calculations (depending on the data size used to write the data, and the data size being used to read the data).
4.2.1 MCU Memory Interface Wait-States
MCU accesses to internal peripherals and internal memories are generally performed at 0 wait state. SDRAM
refresh cycles delay any MCU access. MCU accesses to the API RAM require multiple clocks as determined
by the programming of the API_REG register.
Timing for MCU accesses to external SDRAM memory is controlled by SDRAM interface registers which
control CAS latency, RAS latency, back-to-back timing, refresh rate, etc. External memories or peripherals
controlled by CS0−CS3 and CS4 may be programmed to provide various cycle timings. Additionally, the WAIT
input pin may be used to insert wait-states under external hardware control.
4.2.2 MCU API Interface
The API interface, which provides MCU access to a small portion of DSP memory, provides a 16-bit data path
to the API RAM in the DSP subsystem. All 32-bit transactions are divided into two 16-bit API transactions.
The API interface supports back-to-back access with programmable insertion of wait state to ensure correct
synchronization of signals between the MCU subsystem and the DSP subsystem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com