Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5470ZHKA Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS320VC5470ZHKA
Description  TMS320VC5470 Fixed-Point Digital Signal Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470ZHKA Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320VC5470ZHKA Datasheet HTML 10Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 11Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 12Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 13Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 14Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 15Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 16Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 17Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 94 page
background image
Introduction
5
December 2001 − Revised December 2002
SPRS017B
Table 2−1.
Pin Assignments for the GHK Package (Continued)
BALL
NO.
SIGNAL
NAME
BALL
NO.
SIGNAL
NAME
BALL
NO.
SIGNAL
NAME
BALL
NO.
SIGNAL
NAME
M2
KBGPIO09
M3
GPIO01
M6
GPIO15/
MCUEN1
M5
CLKX_SPI
N1
MCUDI/
EXTERN0
N2
MCUDO/
EXTERN1
N3
DVDD
N6
MCUEN0
P1
N/C
P2
N/C
N5
VSS
P3
N/C
R1
N/C
P6
N/C
R2
N/C
P5
CVDD
R3
N/C
T1
N/C
T2
N/C
U1
N/C
T3
DVDD
U2
N/C
V1
N/C
U3
N/C
V2
N/C
W2
N/C
U4
N/C
V3
N/C
W3
N/C
V4
N/C
W4
N/C
U5
N/C
R6
VSS
P7
N/C
V5
N/C
W5
N/C
U6
DVDD
V6
N/C
R7
N/C
W6
N/C
P8
N/C
U7
N/C
V7
N/C
W7
N/C
R8
CVDD
U8
N/C
V8
EMU1
W8
TRST
W9
TCK
V9
TDI
U9
VSS
R9
TDO
P9
DVDD
W10
TMS
V10
EMU0
U10
REFCLK
R10
RESET
P10
RESET_OUT
W11
ADD17
V11
ADD16
U11
ADD15
P11
ADD14
R11
ADD13
W12
ADD12/
SDRAM_A12
V12
ADD11/
SDRAM_A11
U12
VSS
P12
ADD10/
SDRAM_A10
R12
DVDD
W13
ADD01/
SDRAM_A01
V13
ADD09/
SDRAM_A09
U13
ADD08/
SDRAM_A08
P13
ADD07/
SDRAM_A07
W14
ADD06/
SDRAM_A06
V14
ADD05/
SDRAM_A05
R13
CVDD
U14
ADD04/
SDRAM_A04
W15
ADD03/
SDRAM_A03
P14
VSS
V15
ADD02/
SDRAM_A02
R14
DVDD
U15
ADD00/
SDRAM_A00
W16
ADD18/
SDRAM_BA0
V16
ADD19
SDRAM_BA1
W17
ADD20/
SDRAM_WE
U16
ADD21/
SDRAM_CAS
V17
ADD22/
SDRAM_RAS
W18
CS4/
BIGEND
U17
DATA00
V18
DATA01
V19
DATA02
T17
VSS
U18
DATA03
U19
DATA04
T18
DVDD
T19
DATA05
R17
DATA06
P15
DATA07
N14
CVDD
R18
DATA08
R19
DATA09
P17
DATA10
P18
DATA11
N15
VSS
P19
DATA12
M14
DVDD
N17
DATA13
N18
DATA14
N19
DATA15
M15
DATA16
M17
DATA17
M18
DATA18
M19
DATA19
L19
DATA20
L18
DATA21
L17
VSS
L15
DATA22
L14
DATA23
K19
BE0/
SDRAM_DQM0
K18
DVDD
K17
BE1/
SDRAM_DQM1
K15
BE2/
SDRAM_DQM2
K14
BE3/
SDRAM_DQM3
J19
CS0
J18
CS1
J17
CS2
J14
CS3/
ROMSIZE16
J15
VSS
H19
OE
H18
WAIT
H17
DVDD
H14
R/W
H15
SDRAM_CLK
G19
SDRAM_CS
G18
DATA24
G17
CVDD
G14
DATA25
NOTE: DVDD is the 3.3 V power supply for the I/O pins while CVDD is the 1.8 V power supply for the core CPU. VSS is the ground for both the
I/O pins and the core CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com