Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5470ZHKA Datasheet(PDF) 84 Page - Texas Instruments

Part # TMS320VC5470ZHKA
Description  TMS320VC5470 Fixed-Point Digital Signal Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470ZHKA Datasheet(HTML) 84 Page - Texas Instruments

Back Button TMS320VC5470ZHKA Datasheet HTML 80Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 81Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 82Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 83Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 84Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 85Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 86Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 87Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 94 page
background image
Electrical Specifications
75
December 2001 − Revised December 2002
SPRS017B
6.14 ARM Clock Timings
The ARM SRAM timings are derived from the ARM clock. The clock switching characteristics are defined in
Table 6−33 for use in the ARM SRAM timing definitions.
Table 6−33. ARM SRAM Switching Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
A
tc(ARM)
Cycle time, ARM clock
21.05
ns
B
tw(ARM−H)
Pulse duration, ARM clock high
A/2 − 3†
A/2†
A/2 + 3†
ns
C
tw(ARM−L)
Pulse duration, ARM clock low
A/2 − 3†
A/2†
A/2 + 3†
ns
D
tw(ARM−W)
Pulse duration, ARM write cycle
A/2 + nA†‡
ns
E
tw(ARM−R)
Pulse duration, ARM read cycle
A + nA†‡
ns
† A = tc(ARM)
‡ n = the number of software wait states
The ARM SRAM write timing requirements listed in Table 6−34 represent back-to-back write operations to
a zero-wait-state SRAM device.
Table 6−34 through Table 6−35 assume testing over recommended operating conditions (see Figure 6−33
and Figure 6−34).
Table 6−34. ARM SRAM Timing Requirements (Write)
MIN
NOM
MAX
UNIT
1
td(CSL-AV)
Delay time, address valid from CS low
− 3
4
ns
2
td(CSL-DV)
Delay time, data valid from CS low
−2
5
ns
3
td(CSL-WEL)
Delay time, write enable low from CS low
4
13
ns
4
tw(WEL)
Pulse width, write enable low
D − 3.5§
D§
D + 3.5§
ns
5
td(WEH−AIV)
Delay time, address invalid from write enable high
0
7
ns
6
td(WEH−DIV)
Delay time, data invalid from write enable high
0
7
ns
7
td(WEH−DV)
Delay time, data valid from write enable high
2
9
ns
8
tw(WEH)
Pulse width, write enable high
A/2 − 3.5†
A/2†
A/2 + 3.5†
ns
9
td(WEH−CSH)
Delay time, CS high from write enable high
0
7
ns
10
td(CSL−BEV)
Delay time, byte enable valid from CS low
− 3
4
ns
11
td(WEH−BEIV)
Delay time, byte enable invalid from write enable high
0
7
ns
12
td(WEH−BEV)
Delay time, byte enable valid from write enable high
2
9
ns
20
td(CSL-OEH)
Delay time, output enable high from CS low
− 3
4
ns
21
td(WEH−OEL)
Delay time, output enable low from write enable high
0
7
ns
† A = tc(ARM)
§ D = tw(ARM-W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com