Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5470ZHKA Datasheet(PDF) 55 Page - Texas Instruments

Part # TMS320VC5470ZHKA
Description  TMS320VC5470 Fixed-Point Digital Signal Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470ZHKA Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320VC5470ZHKA Datasheet HTML 51Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 52Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 53Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 54Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 55Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 56Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 57Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 58Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 94 page
background image
Electrical Specifications
46
December 2001 − Revised December 2002
SPRS017B
6.4
Package Thermal Resistance Characteristics
Table 6−1 provides the thermal resistance characteristics for the recommended package type used on the
TMS320VC5470 DSP.
Table 6−1. Thermal Resistance Characteristics
PARAMETER
GHK PACKAGE
UNIT
RΘJA
34
°C/W
RΘJC
9.5
°C/W
6.5
Timing Parameter Symbology
Timing parameter symbols used are created in accordance with JEDEC Standard 100. To shorten the
symbols, some of the pin names and other related terminology have been abbreviated as follows:
Lowercase subscripts and their meanings:
Letters and symbols and their meanings:
a
access time
H
High
c
cycle time (period)
L
Low
d
delay time
V
Valid
dis
disable time
Z
High impedance
en
enable time
f
fall time
h
hold time
r
rise time
su
setup time
t
transition time
v
valid time
w
pulse duration (width)
X
Unknown, changing, or don’t care level
The following load circuit in Figure 6−1 was used on all outputs pins and I/O pins in input mode. All timing
measurements in this data manual were measured from the 5470 connection to the following load circuit.
Tester Pin
Electronics
VLoad
IOL
CT
IOH
Output
Under
Test
50
Ω
Where: IOL
= 8 mA (all outputs)
IOH
= 8 mA (all outputs)
VLoad = 1.65 V
CT
= 13-pF typical load circuit capacitance
Figure 6−1. 3.3-V Test Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com