Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5470ZHKA Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320VC5470ZHKA
Description  TMS320VC5470 Fixed-Point Digital Signal Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470ZHKA Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320VC5470ZHKA Datasheet HTML 45Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 46Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 47Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 48Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 49Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 50Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 51Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 52Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 94 page
background image
MCU Subsystem Functional Overview
40
December 2001 − Revised December 2002
SPRS017B
4.6
Initialization
The RESET input is the master reset that resets both the DSP and MCU subsystems. The RESET_OUT
signal can be used to reset external peripherals under control of the MCU. Table 4−5 describes how reset
events are propagated to the MCU subsystem, the DSP subsystem, and the RESET_OUT pin.
Table 4−5. Reset Management
Activated Reset Signal
MCU Reset
DSP Reset
External Reset
(RESET_OUT)
RESET
Yes
Yes
Yes
RST_CMD watchdog
Yes
No
No
DSP software reset (in register CLKM_CNTL_RST)
No
Yes
No
RESET_OUT (software controlled by bit in register
CLKM_CNTL_RST)
No
No
Yes
CLKM_CNTL_RST is a control register mapped in the MCU memory space at address 0xFFFF2F10.
When the MCU subsystem is reset, the MCU program counter begins execution at address 0x00000000.
When the DSP subsystem is reset, the DSP program counter begins execution from 0xFF80.
Each MCU subsystem peripheral may be independently held in reset via control bits in the MCU subsystem
register RESET_REG. By default, these bits are set as soon as the MCU subsystem reset is activated, which
leaves all MCU subsystem peripherals active.
4.6.1 Initial MCU Code
Since the MCU begins execution from address 0x00000000 after MCU subsystem reset, the initialization code
for the MCU subsystem must be provided by the memory device connected to the CS0 pin. This code may
be either 32-bit or 16-bit (Thumb) ARM code. The value of the CS3/ROMSIZE16 pin is sampled at the rising
edge of RESET to determine the mode that the ARM7TDMI core will execute.
CS3/ROMSIZE16 INPUT VALUE
AT RESET RISING EDGE
ARM7TDMI INITIAL MODE
0
16-bit instruction (Thumb) mode
1
32-bit instruction mode
Similarly, the MCU subsystem initializes the ARM7TDMI for big-endian or little-endian operation based on the
value sampled on the CS4_BIGEND pin at the rising edge of the RESET signal.
CS4/BIGEND INPUT VALUE
AT RESET RISING EDGE
ARM7TDMI INITIAL MODE
0
Little-endian
1
Big-endian



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com