Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5470ZHKA Datasheet(PDF) 78 Page - Texas Instruments

Part # TMS320VC5470ZHKA
Description  TMS320VC5470 Fixed-Point Digital Signal Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470ZHKA Datasheet(HTML) 78 Page - Texas Instruments

Back Button TMS320VC5470ZHKA Datasheet HTML 74Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 75Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 76Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 77Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 78Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 79Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 80Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 81Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 94 page
background image
Electrical Specifications
69
December 2001 − Revised December 2002
SPRS017B
6.12 Synchronous DRAM Timings
Table 6−28 and Table 6−29 assume testing over recommended operating conditions (see Figure 6−23
through Figure 6−29).
Table 6−28. Synchronous DRAM Timing Requirements
NO.
MIN
MAX
UNIT
6
tsu(DV-SCLKH)
Setup time, read data valid before SDRAM_CLK high
4.5
ns
7
th(SCLKH-DV)
Hold time, read data valid after SDRAM_CLK high
2
ns
Table 6−29. Synchronous DRAM Switching Characteristics
NO.
PARAMETER
MIN
MAX
UNIT
1
td(SCLKH-CSV)
Delay time, SDRAM_CLK high to chip select valid
0.5
11
ns
2
td(SCLKH-DQMV)
Delay time, SDRAM_CLK high to byte enable valid
0.5
11
ns
3
td(SCLKH-DQMIV)
Delay time, SDRAM_CLK high to byte enable invalid
0.5
11
ns
4
td(SCLKH-AV)
Delay time, SDRAM_CLK high to address valid
0.5
11
ns
5
td(SCLKH-AIV)
Delay time, SDRAM_CLK high to address invalid
0.5
11
ns
8
td(SCLKH-CASV)
Delay time, SDRAM_CLK high to SDRAM_CAS valid
0.5
11
ns
9
td(SCLKH-DV)
Delay time, SDRAM_CLK high to data valid
0.5
11
ns
10
td(SCLKH-DIV)
Delay time, SDRAM_CLK high to data invalid
0.5
11
ns
11
td(SCLKH-WEV)
Delay time, SDRAM_CLK high to SDRAM_WE valid
0.5
11
ns
12
td(SCLKH-RASV)
Delay time, SDRAM_CLK high to, SDRAM_RAS valid
0.5
11
ns
SDRAM_CLK
CSn
SDRAM_DQM[3:0]
SDRAM_A[C:0]†
DATA[31:00]
SDRAM_A[10]†
SDRAM_RAS
SDRAM_CAS
SDRAM_WE
SDRAM_A[R:0]†
BE1
BE2
BE3
BE4
Bank
Column
D1
D2
D3
D4
8
7
6
5
5
5
3
2
8
4
4
4
1
READ
† The values for R and C depend on the particular size of the SRAMs used.
Figure 6−23. SDRAM Read Command (CAS Latency 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com