Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR6016 Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # APR6016
Description  Voice Recording & Playback Device 16 Minute Duration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6016 Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  APR6016 Datasheet HTML 1Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 2Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 3Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 4Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 5Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 6Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 7Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 8Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Voice Recording & Playback Device
16 Minute Duration
2002/5/10
Page 1
APR6016
Features
• Multi-level analog storage
- High quality audio recording and playback
• Dual mode storage of analog and/or digital data
- Eliminates the need for separate digital memory
• Advanced, non-volatile Flash memory technology
- No battery backup required
• SPI interface
- Allows any commercial microcontroller to control
the device
• Programmable Sampling Clock
- Allows user to choose quality and duration levels
• Single 3V power supply
• Low power consumption
- Playback operating current: 15 mA typical
- Standby current: 1 uA maximum
- Automatic power-down
• Multiple package options available
- CSP, PDIP, Bare Die
• On-board clock prescaler
- Eliminates the need for external clock dividers
• Automatic squelch circuit
-
Reduces background noise during quiet passages
General Description
The APR6016 offers non-volatile storage of voice and/or data
in advanced Multi-Level Flash memory. Up to 16 minutes of
audio recording and playback can be accommodated. A max-
imum of 30K bits of digital data can be stored.
devices can be cascaded for longer duration recording or
greater digital storage. Device control is accomplished
through an industry standard SPI interface that allows a
microcontroller to manage message recording and playback.
This flexible arrangement allows for the widest variety of
messaging options. The APR6016
is ideal for use in cellular
and cordless phones, telephone answering devices, personal
digital assistants, personal voice recorders, and voice pag-
ers.
APLUS
Integrated
achieves this high level of storage capabi-
lity
by using a proprietary analog multi-level storage te chnol -
logy
i mplemented in an advanced non-volatile Flash memory
process. Each memory cell can typically store 256 voltage
levels. This allows the APR6008 voice
to reproduce audio
signals in their natural form, eliminating the need for enco-
ding
and compression which can introduce distortion.
Figure 1 APR6016 Pinout Diagrams
/C S
DI
DO
V SSD
NC
NC
NC
A N A O U T -
A N A O U T +
NC
/R ES E T
V S SA
A UD O UT
S Q L C AP
S C L K
V CCD
E X T C L K
/IN T
S A C
V S SA
NC
/B U S Y
NC
NC
V CCA
A N A IN +
A N A IN -
/S Q L O U T
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28 pin DIP
APLUS INTEGRATED CIRCUITS INC.
APR6016


Similar Part No. - APR6016

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016_15 Datasheet
570Kb / 24P
16 min Recording & Playback Voice IC
More results

Similar Description - APR6016

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
Voice Recording & Playback Device Voice Recording & Playback Device
logo
Winbond
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016_15 Datasheet
570Kb / 24P
16 min Recording & Playback Voice IC
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com