Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR6016 Datasheet(PDF) 13 Page - Aplus Intergrated Circuits

Part # APR6016
Description  Voice Recording & Playback Device 16 Minute Duration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6016 Datasheet(HTML) 13 Page - Aplus Intergrated Circuits

Back Button APR6016 Datasheet HTML 9Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 10Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 11Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 12Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 13Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 14Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 15Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 16Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 17Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Preliminary
APR6016 Data Sheet
Voice Recording & Playback Device
Page 13
Revision 1.0
Playing Back Audio Data
When a SET_PLAY or PLAY command is issued the device
will begin sampling the data in the specified sector and pro-
duce a resultant output on the AUDOUT, ANAOUT-, and
ANAOUT+ pins. After half the sector is used the SAC pin will
drop low to indicate that a new command can be accepted.
The device will accept commands as long as the SAC pin
remains low. Any command received after the SAC returns
high will be queued up and executed during the next SAC
cycle.
Figure 14 shows a typical timing diagram and OpCode
sequence for a playback operation. The SET_PLAY com-
mand begins playback at the specified memory location after
Taplay time has passed. Some time later the low going edge
on the SAC pin alerts the host processor that half of the first
sector has been played back. The host processor responds
by issuing a PLAY command during the SAC low time. The
PLAY command instructs the APR6016to continue playback
of the sector immediately following the current sector. When
the first sector has been played back the device jumps to the
next sector and returns the SAC signal to a high state to indi-
cate that the second sector is now being played. At this point
the host processor decides to issue a STOP command during
the next available SAC low time. The device follows the
STOP command and terminates playback after TSaplay. The
/BUSY pin indicates when actual playback is taking place.
Figure 14 Typical Playback Sequence
Handshaking signals
Several signals are included in the device that allow for hand-
shaking. These signals can simplify message management
significantly
depending
on
the
message
management
scheme used.
The /INT signal can be used to generate interrupts to the pro-
cessor when attention is required by the APR6016This pin is
normally high and goes low when an interrupt is requested.
An interrupt is generated whenever a EOD or Overflow
occurs.
The SAC signal is used to determine when the device is
nearing the end of the current memory segment during either
a record, play or forward operation. The SAC signal is in a
normally high state. The signal goes low after half the cur-
rently active segment has been played or recorded. The sig-
nal returns to a high state after the entire segment has been
played or recorded. The microprocessor should sense the
low edge of the SAC signal as an indicator that the next seg-
/CS
SCLK
DI
Taplay
TSaplay
SET_PLAY
STOP
SAC
ANAOUT+
ANAOUT-
ANAOUT
/BUSY
Note: Command timing is not to scale
PLAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com