Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR6016 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # APR6016
Description  Voice Recording & Playback Device 16 Minute Duration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6016 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  APR6016 Datasheet HTML 1Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 2Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 3Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 4Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 5Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 6Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 7Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 8Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Preliminary
APR6016 Data Sheet
Voice Recording & Playback Device
Page 5
Revision 1.0
Table 1
Sequential Command Timing
OpCode Command Description
Designers have access to a total of 14 OpCodes. These
OpCodes are listed in Table 2. The name of the Opcode
appears in the left hand column. The following two columns
represent the actual binary information contained in the 20 bit
data stream. Some commands have limits on which com-
mand can follow them. These limits are shown in the “Allow-
able Follow on Commands” column. The last column
summarizes each command.
Combinations of OpCodes can be used to accommodate
almost any memory management scheme.
Table 2
APR6016 Operational Codes
Current Command
Next command
Timing Symbol
NOP
SID
Any Command
Tnext1 5u SEC
PWRUP
Any Command
Tnext2 5m SEC
STOP_PWDN
PWRUP
Tnext2 5m SEC
SET_REC
REC
STOP, STOP_PWDN, SET_REC, REC,NOP
Within SAC Low Time
SET_PLAY
PLAY
STOP, STOP_PWDN, SET_FWD, FWD, SET_PLAY,PLAY, NOP
SET_FWD
FWD
SET_FWD, FWD, STOP, STOP_PWDN
DIG_WRITE
DIG_READ
DIG_ERASE
Any Digital Command, STOP, STOP_PWDN
Note: For partial DIG_READ Tnext3 is measured from the extra clock low that follows the
8K sampling rate: 376m SEC
4K sampling rate: 752m SEC
rise of /CS, not from the rise of /CS
Tnext3
STOP
Any Command
Tnext4 470m SEC
Instruction
Name
OpCode
(5 bits)
Opcode Parameters (15bits)
Allowable Follow
on Commands
Summary
[Op4 - Op0]
[Address MSB - Address LSB]
[Address 14 - Address 0]
NOP
[00000]
[Don’t Care]
All Commands
No Operation
SID
[00001]
[Don’t care]
All Commands
Causes the silicon ID to be read.
SET_FWD
[00010]
Sector Address
[A14 - A0]
SET_FWD,
FWD, STOP,
STOP_PWDN
Starts a fast forward operation from the
sector address specified.
FWD
[00011]
[Don’t care]
SET_FWD,
FWD, STOP,
STOP_PWDN
Starts a fast forward operation from the
current sector address.
PWRUP
[00100]
[A14-A10]: all zeros
[A9-A2]: EXTCLK divider ratio
[A1-A0]: Sample Rate Frequency
All Commands
Resets the device to initial conditions.
Sets the sample frequency and divider
ratios.
STOP
[00110]
[Don’t care]
All Commands
Stops the current operation.
STOP_PWDN
[00111]
[Don’t care]
PWRUP
Stops the current operation. Causes the
device to enter power down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com