Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR6016 Datasheet(PDF) 23 Page - Aplus Intergrated Circuits

Part # APR6016
Description  Voice Recording & Playback Device 16 Minute Duration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6016 Datasheet(HTML) 23 Page - Aplus Intergrated Circuits

Back Button APR6016 Datasheet HTML 16Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 17Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 18Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 19Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 20Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 21Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 22Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 23Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 24Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Preliminary
APR6016 Data Sheet
Voice Recording & Playback Device
Page 23
Revision 1.0
Figure 18 Bond Pad Layout and Coordinates
10 /R ESET
11 VSSA
12 VSSA
13 VSSA
14 AUDO UT
15 S QLC A P
16 /S QLOU T
17 ANAIN-
18 ANAIN+
19 V CCA
20 V CCA
21
NC
22
/B
U
SY
9
A
N
A
O
U
T+
8
A
N
A
O
U
T-
NC 27
NC 28
VS
S
A
23
VS
S
A
24
VS
S
A
25
SA
C
26
/IN T 29
EXT C LK 30
V CCD 31
V CCD 32
N
C
7
N
C
6
VSSD 5
VSSD 4
/C S 1
DI 2
DO 3
VC CD 33
Orig in
Table 7
Coordinate Information
DIE SIZE 8230µ x 4360µ
PAD SIZE:100µ x 1 00µ
DIE THICKNESS: Approximately 25 mils
NOTE:
1. Substrate should be connected to GND.
2. Coordinates given in Table 7 are for pad centers.
Pad
Number
Pad Name
X
Coordinate
Y
Coordinate
1
/CS
8008
1460
2
DI
8008
1173
3
DO
8008
865
4
VSSD
8008
620
5
VSSD
8008
393
6
NC
7654
119
7
NC
7271
119
8
ANAOUT-
570
119
9
ANAOUT+
299
119
10
/RESET
119
384
11
VSSA
119
665
12
VSSA
119
837
13
VSSA
119
1124
14
AUDOUT
119
1454
15
SQLCAP
119
1894
16
/SQLOUT
119
2528
17
ANAIN-
119
2805
18
ANAIN+
119
3076
19
VDDA
119
3407
20
VDDA
119
3637
21
NC
258
4116
22
/BUSY
558
4116
23
VSSA
7172
4116
24
VSSA
7345
4116
25
VSSA
7517
4116
26
SAC
7765
4116
27
NC
8008
3806
28
NC
8008
3506
29
/INT
8008
3114
30
EXTCLK
8008
2808
31
VCCD
8008
2433
32
VCCD
8008
2200
33
VCCD
8008
2029
34
SCLK
8008
1802
Pad
Number
Pad Name
X
Coordinate
Y
Coordinate
0
X Coordinate
SC LK 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com