Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR6016 Datasheet(PDF) 21 Page - Aplus Intergrated Circuits

Part # APR6016
Description  Voice Recording & Playback Device 16 Minute Duration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6016 Datasheet(HTML) 21 Page - Aplus Intergrated Circuits

Back Button APR6016 Datasheet HTML 16Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 17Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 18Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 19Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 20Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 21Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 22Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 23Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 24Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Preliminary
APR6016 Data Sheet
Voice Recording & Playback Device
Page 21
Revision 1.0
Mechanical Package Outlines
Figure 16 28-Pin Plastic Thin-Small-Outline Integrated Circuit
5
N
1
2
3
- E -
0.55
TOP VIEW
1.00 (.039)
DIAMETER
PIN #1 I.D.
D
D1
5
3
SEATING
- T -
A2
C
0.10 (.004)
7
- D -
A
A1
SEE DETAIL "A"
PLANE
E
SEE DETAIL "B"
6.
DETAIL "A"
L
0.90 (.035)
1.10 (.043)
0.90 (.035)
1.10 (.043)
BOTTOM VIEW
SCALE: 30/1
0.25 BSC
-H-
4
X
11.
FIXED PIN (1 PLCS.)
2.00 (.079) DIA. X
DEEP
0.100 (.004)
0.000 (.000)
10.
1.6 (0.063)
1.4 (0.055)
1.6 (0.063)
1.4 (0.055)
12
0.08
0.20
a
D
D
DAMBAR PROTRUSION
DETAIL "B"
MAX.
0.30 (.012)
GAGE
PLANE
SCALE: 30/1
0.10
2X
2X
0.10
0.25
2X
O
CO
THIS TABLE IN MILLIMETERS
S
Y
M
B
O
L
COMMON
DIMENSIONS
N
O
T
E
MIN.
NOM.
MAX.
A-
-
1.20
A1
0.05
-
0.15
A2
0.95
1.00
1.05
b
0.17
0.22
0.27
9
b1
0.17
0.20
0.23
c
0.10
-
0.21
c1
0.10
-
0.16
D
13.20
13.40
13.60
5
D1
11.70
11.80
11.90
E
7.90
8.00
8.10
5
e
0.55 BSC
L
0.50
0.55
0.70
6
N28
7
a
0
o
3
o
6
o
THIS TABLE IN INCHES
S
Y
M
B
O
L
COMMON
DIMENSIONS
N
O
T
E
MIN.
NOM.
MAX.
A-
-
.047
A1
.002
-
.006
A2
.037
.039
.041
b
.007
.009
.011
9
b1
.007
.008
.009
c.004
-
.008
c1
.004
-
.006
D
.520
.528
.535
5
D1
.461
.465
.469
E
.311
.315
.319
5
e
.0217 BSC
L
.020
.022
.028
6
N28
7
a
0
o
3
o
6
o
NOTES:
1. DIE THICKNESS ALLOWABLE IS 0.292+0.013mm(.0115+.0005)
2. DIMENSIONING & TOLERANCES PER ANSI. Y14.5M - 1982.
3. “T” IS A REFRENCE DATUM.
4. DATUM PLANE -H- LOCATED AT MOLD PLATING LINE AND COINCIDENT WITH
BOTTOM OF LEAD, WHERE LEAD EXITS PLASTIC BODY
5. D&E ARE REFERENCE DATUMS & DO NOT INCLUDE MOLD FLASH OR PROTRU-
SIONS. MOLD FLASH OR PROTUSIONS SHALL NOT EXCEED 0.15(.006) ON E AND
0.25(.010) ON D1 PER SIDE.
6. LENGTH OF TERMINAL FOR SOLDERING TO A SUBSTRATE
7. FORMED LEADS SHALL BE PLANAR WITH RESPECT TO ONE ANOTHER WITHIN
0.076(.003) AT SEATING PLANE.
8. THE LEAD WIDTH DIMENSION DOES NOT INCLUDE DAMBAR PROTRUSION.
ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 MM TOTAL IN EXCESS OF
THE LEAD WIDTH DIMENSION AT MAXIMUM METAL CONDITION. DAMBAR CAN-
NOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSION AND AN ADJACENT LEAD TO BE 0.07MM.
9.CONTROLLING DIMENSION:MILLIMETERS.
10. “X” DENOTES MOLD CAVITY IDENTIFICATION.
11. “C.0.0” DENOTES COUNTRY OF ORIGIN
0.55 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com