Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR6016 Datasheet(PDF) 22 Page - Aplus Intergrated Circuits

Part # APR6016
Description  Voice Recording & Playback Device 16 Minute Duration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6016 Datasheet(HTML) 22 Page - Aplus Intergrated Circuits

Back Button APR6016 Datasheet HTML 16Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 17Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 18Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 19Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 20Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 21Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 22Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 23Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 24Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Preliminary
APR6016 Data Sheet
Page 22
Voice Recording & Playback Device
Revision 1.0
Figure 17 28 pin dual inline package (DIP)
BASE PLANE
SEATING PLANE
A
1
1
a
A
1
A
E
e
PIN NO. 1
L
C
L
e
1
B
B
S
D
1
Q
E
C
4 PLCS.
6°-16°
a
OPTIONAL EJECTOR PIN
INDENTION SHOWN FOR
CONVENTIONAL MOLD
ONLY
2
Q
P
SEE NOTE 9
INCHES
MILLIMETERS
MIN. NOM. MAX. MIN.
NOM. MAX.
.190
A
1
A
B
1
C
B
E
E
1
e
A
L
N
P
Q
1
Q
2
S
D
e
1
a
a
.015
.015
.055
.008
1.445
.600
.530
.100 BSC
.600 BSC
.125
.135
28
.685
.065
.070
.018
.060
.010
1.450
.540
.070
.150
.075
.080
.075
.550
.625
1.455
.012
.065
.022
0.38
0.38
1.40
0.20
36.70
15.24
13.46
2.54 BSC
15.24 BSC
3.18
28
17.40
1.65
1.78
1.91
2.03
3.18
1.78
1.91
3.43
13.72 13.97
0o
15o
15o
0o
15.88
36.96
0.30
1.65
0.56
4.83
0.46
36.83
0.25
1.52
N
O
T
E
5
5
3
4
S
Y
M
B
O
L
NOTES:
1. REFER TO APPLICABLE SYMBOL LIST.
2. DIMENSIONING AND TOLERANCE PER ANSI Y14.5-1982.
3. APPLIES TO SPREAD LEADS PRIOR TO INSTALLATION.
4. N IS THE MAXIMUM QUANTITY OF LEAD POSITIONS
5. DIMENSION D & E ARE TO BE MEASURED AT MAXIMUM
MATERIAL CONDITION BUT DO NOT INCLUDE MOLD
FLASH. ALLOWABLE MOLD FLASH IS 0.010 INCH/0.254
mm.
6. CONTROLLING DIMENSION: INCH
7. DIMENSION A, A1 & L ARE MEASURED WITH THE PACK-
AGE SEATED IN JEDEC SEATING PLANE GUAGE GS-3.
8. THIS PACKAGE CONFORMS TO JEDEC REFERENCE MS-
011, VARIATION AB.
9. IT IS AN OPTION TO SHOW PIN 1 IDENTIFIER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com