Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-7530 Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # ADNS-7530
Description  Integrated molded lead-frame DIP Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7530 Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  ADNS-7530 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
Figure 5. Recommended PCB mechanical cutouts and spacing
Assembly Recommendation
1. Insert
the
integrated
molded
lead-frame
DIP
sensor and all other electrical components into the
application PCB.
2. This sensor package is only qualified for wave-solder
process.
3. Wave-solder the entire assembly in a no-wash solder
process utilizing a solder fixture. The solder fixture
is needed to protect the sensor during the solder
process. The fixture should be designed to expose
the sensor leads to solder while shielding the optical
aperture from direct solder contact.
4. Place the lens onto the base plate. Care must be taken
to avoid contamination on the optical surfaces.
5. Remove the protective kapton tapes from the optical
aperture of the sensor and VCSEL respectively. Care
must be taken to keep contaminants from entering
the aperture.
6. Insert the PCB assembly over the lens onto the base
plate. The sensor package should self-align to the lens.
The optical position reference for the PCB is set by the
base plate and lens. The alignment guide post of the
lens locks the lens and integrated molded lead-frame
DIP sensor together. Note that the PCB motion due to
button presses must be minimized to maintain optical
alignment.
7. Optional: The lens can be permanently locked to the
sensor package by melting the lens’ guide posts over
the sensor with heat staking process.
8. Tune the laser output power from the VCSEL to meet
the Eye Safe Class I Standard as detailed in the LASER
Power Adjustment Procedure.
9. Install the mouse top case. There must be a feature in
the top case (or other area) to press down onto the
sensor to ensure the sensor and lenses are interlocked
to the correct vertical height.
Design considerations for improving ESD Performance
For
improved
electrostatic
discharge
performance,
typical creepage and clearance distance are shown in
the table below. Assumption: base plate construction as
per the
PixArt supplied IGES file and ADNS-6150, ADNS-
6160-001 or ADNS-6170-002 lens:
Lens
ADNS-6150
ADNS-6160-001
ADNS-6170-002
Creepage
12.0 mm
13.50 mm
20.30 mm
Clearance
2.1 mm
1.28 mm
1.28 mm
Note that the lens material is polycarbonate and
therefore, cyanoacrylate based adhesives or other
adhesives that may damage the lens should NOT be
used.
Optical center
Pin #1
7X 1.78
0.070
0.89
0.035
3.18
0.125
Lens interference
2.31
0.091
13.35
0.526
(2.78)
0.110
14.18
0.558
∅ 1.10 Pad ring
0.043
16X
∅ 0.70
0.028
0
0
PixArt Imaging Inc.
ADNS-7530 Integrated Molded Lead-Frame DIP Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com