Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-7530 Datasheet(PDF) 23 Page - Pixart Imaging Inc.

Part # ADNS-7530
Description  Integrated molded lead-frame DIP Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7530 Datasheet(HTML) 23 Page - Pixart Imaging Inc.

Back Button ADNS-7530 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 27Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
23
Delta_X_L
Address: 0x03
Access: Read
Reset Value: 0x00
Bit
76543210
Field
X7
X6
X5
X4
X3
X2
X1
X0
Data Type: Eight bit 2’s complement number.
USAGE: X movement is counts since last report. Absolute value is determined by resolution. Reading clears the
register.
Note:
PixArt recommends that registers 0x02, 0x03, 0x04 and 0x05 be read sequentially.
Delta_Y_L
Address: 0x04
Access: Read
Reset Value: 0x00
Bit
76543210
Field
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Data Type: Eight bit 2’s complement number.
USAGE: Y movement is counts since last report. Absolute value is determined by resolution. Reading clears the
register.
Note:
PixArt recommends that registers 0x02, 0x03, 0x04 and 0x05 be read sequentially.
Delta_XY_H
Address: 0x05
Access: Read
Reset Value: 0x00
Bit
76543210
Field
X11
X10
X9
X8
Y11
Y10
Y9
Y8
Data Type: 2’s complement number, upper 4 bits of Delta_X and Delta_Y.
USAGE: Delta_XY_H must be read after Delta_X_L and Delta_Y_L to have the full motion data. Reading clears the
register.
Note:
PixArt recommends that registers 0x02, 0x03, 0x04 and 0x05 be read sequentially.
PixArt Imaging Inc.
ADNS-7530 Integrated Molded Lead-Frame DIP Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com