Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-7530 Datasheet(PDF) 35 Page - Pixart Imaging Inc.

Part # ADNS-7530
Description  Integrated molded lead-frame DIP Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7530 Datasheet(HTML) 35 Page - Pixart Imaging Inc.

Back Button ADNS-7530 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 35Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 36Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
35
POWER_UP_RESET
Address: 0x3a
Access: Write
Reset Value: NA
Bit
76543210
Field
RST7
RST6
RST5
RST4
RST3
RST2
RST1
RST0
Data Type
: 8-bit integer
USAGE: Write 0x5a to this register to reset the chip. All settings will revert to default values. Reset is required after re-
covering from shutdown mode.
H_RESOLUTION
Address: 0x36
Access: Read/Write
Reset Value: 0x04
Bit
76543210
Field
Reserved
Reserved
Reserved
H_RES_EN
H_RES2
H_RES1
H_RES0
0
Data Type
: Bit field
USAGE : This register is used to set the resolution configuration of sensor up to 2000cpi. For resolution setting at
1600cpi and below, configuration via Configuration_Bits register, 0x12 is still effective when H_RES_EN bit is set to
zero.
Field Name
Description
H_RES_EN
0 = Resolution setting will follow the value as per configuration in Configuration_Bits register, 0x12
1 = Enabled high resolution up to 2000cpi. Resolution setting will follow the configuration
as per H_RES2-0 bits in this register and setting in register 0x12 will be ignored.
H_RES2-0
Resolution in count per inch (cpi)
001 = 400
010 = 800
011 = 1200
100 = 1600
101 = 2000
Bit-0
Must be zero value
SHUTDOWN
Address: 0x3b
Access: Write Only
Reset Value: NA
Bit
76543210
Field
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
Data Type: 8-bit integer
USAGE: Write 0xe7 to set the chip to shutdown mode, use POWER_UP_RESET register (address 0x3a) to power up the
chip.
Reserved
Address: 0x3c
PixArt Imaging Inc.
ADNS-7530 Integrated Molded Lead-Frame DIP Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com