Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-7530 Datasheet(PDF) 31 Page - Pixart Imaging Inc.

Part # ADNS-7530
Description  Integrated molded lead-frame DIP Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7530 Datasheet(HTML) 31 Page - Pixart Imaging Inc.

Back Button ADNS-7530 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 35Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
31
LASER_CTRL0
Address: 0x1a
Access: Read/Write
Reset Value: 0x00
Bit
76543210
Field
Range1
Range0
Reserved
Reserved
CAL2
CAL1
CAL0
Force_
Disable
Data Type
: Bit field
USAGE : This register is used to control the laser drive. Bits 7 and 6 require complement values in register 0x1F. If
the registers do not contain complementary values for these bits, the laser is turned off and the LP_VALID bit in the
MOTION register is set to 0. The registers may be written in any order after the power ON reset.
Field Name
Description
Range
RBIN Settings
00= Laser current range from approximately 0.9mA to 3mA
01= Laser current range from approximately 2mA to 5mA
11 = Laser current range from approximately 4mA to 10mA
10 = Invalid setting, LPVALID will be set and laser will off.
CAL2-0
Laser calibration mode
Write 101b to bits [3, 2, 1] to set the laser to continuous ON (CW) mode.
Write 000b to exit laser calibration mode, all other values are not recommended.
Reading the Motion register (0x02 or 0x42) will reset the value to 000b and exit
calibration mode.
Force_Disable
LASER force disabled
0 = LASER_NEN functions as normal
1 = LASER_NEN output is high.
Reserved
Address: 0x1b
PixArt Imaging Inc.
ADNS-7530 Integrated Molded Lead-Frame DIP Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com