Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-7530 Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # ADNS-7530
Description  Integrated molded lead-frame DIP Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7530 Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button ADNS-7530 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
LASER Drive Mode
The laser is driven in pulsed mode during normal
operation. A calibration mode is provided which drives
the laser in continuous (CW) operation.
Eye Safety
The ADNS-7530 integrated molded lead-frame DIP
sensor and the associated components in the schematic
of Figure 6 are intended to comply with Class 1 Eye
Safety Requirements of IEC 60825-1.
PixArt Imaging
suggests that manufacturers perform testing to verify
eye safety on each mouse. It is also recommended to
review possible single fault mechanisms beyond those
described below in the section “Single Fault Detection”.
Under normal conditions, the sensor generates the drive
current for the VCSEL.
In order to stay below the Class 1 power requirements,
LASER_CTRL0 (register 0x1a), LASER_CTRL1 (register
0x1f ), LSRPWR_CFG0 (register 0x1c) and LSRPWR_CFG1
(register 0x1d) must be programmed to appropriate
values. The ADNS-7530 integrated molded lead-frame
DIP sensor which comprised of the sensor and VCSEL;
is designed to maintain the output beam power within
Class 1 requirements over components manufacturing
tolerances and the recommended temperature range
when adjusted per the procedure below and implement-
ed as shown in the recommended application circuit of
Figure 6. For more information, please refer to Eye Safety
Application Note 5361.
LASER Power Adjustment Procedure
1. The ambient temperature should be 25C +/- 5C.
2. Set VDD3 to its permanent value.
3. Set the Range bits (bit 7 and 6 of register 0x1a) to b’01.
4. Set the Range_C complement bits (bit 7 and 6 of
register 0x1f ) to b’10.
5. Enable the Calibration mode by writing to bits [3,2,1]
of register 0x1A so the laser will be driven with 100%
duty cycle.
6. Set the laser current to the minimum value by writing
0x00 to register 0x1c, and the complementary value
0xFF to register 0x1d.
7. Program registers 0x1c and 0x1d with increasing
values to achieve an output power of not more than
506uW to meet class 1 Eye Safety over temperature.
If this power is obtained, the calibration is complete,
skip to step 11.
8. If it was not possible to achieve the power target, set
the laser current to the minimum value by writing
0x00 to register 0x1c, and the complementary value
0xff to register 0x1d.
9. Set the Range and Range_C bits in registers 0x1a
and 0x1f, respectively, to choose to the higher laser
current range.
10. Program registers 0x1c and 0x1d with increasing
values to achieve an output power of not more than
506uW to meet class 1 Eye Safety over temperature.
11. Save the value of registers 0x1a, 0x1c, 0x1d, and 0x1f
in non-volatile memory in the mouse. These registers
must be restored to these values every time the
ADNS-7530 is reset.
12. Reset the mouse, reload the register values from
non-volatile memory, enable Calibration mode, and
measure the laser power to verify that the calibration
is correct.
Good engineering practices such as regular power meter
calibration, random quality assurance retest of calibrated
mice, etc. should be used to guarantee performance, reli-
ability and safety for the product design.
LASER Output Power
The laser beam output power as measured at the naviga-
tion surface plane is specified below. The following con-
ditions apply:
1. The system is adjusted according to the above
procedure.
2. The system is operated within the recommended
operating temperature range.
3. The VDD3 value is no greater than 300mV above its
value at the time of adjustment.
4. No allowance for optical power meter accuracy is
assumed.
LASER Output Power
Parameter
Symbol
Minimum
Maximum
Units
Notes
Laser output power
LOP
716
uW
Class 1 limit with recommended VCSEL and lens.
PixArt Imaging Inc.
ADNS-7530 Integrated Molded Lead-Frame DIP Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com