Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-7530 Datasheet(PDF) 29 Page - Pixart Imaging Inc.

Part # ADNS-7530
Description  Integrated molded lead-frame DIP Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7530 Datasheet(HTML) 29 Page - Pixart Imaging Inc.

Back Button ADNS-7530 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 33Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
29
Run_Downshift
Address: 0x13
Access: Read/Write
Reset Value: 0x04
Bit
76543210
Field
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
This register set the Run to Rest 1 downshift time.
Run Downshift time = RD[7:0] x 8 x Run_rate.
Default value: 4 x 8 x 8ms = 256ms
Min: 2 x 8 x 8ms = 128ms
Max: 242 x 8 x 8ms = 15,488ms = 15.49s
All the above values are calculated based on 25MHz System clock, which expected to have 20% tolerance.
Rest1_Rate
Address: 0x14
Access: Read/Write
Reset Value: 0x01
Bit
76543210
Field
R1R7
R1R6
R1R5
R1R4
R1R3
R1R2
R1R1
R1R0
This register set the Rest 1 frame rate.
Rest1 frame rate = (R1R[7:0] + 1) x 10ms.
Default value: 2 x 10ms = 20ms
Min: 2 x 10ms = 20ms
Max: 241 x 10ms = 2,410ms = 2.41s
All the above values are calculated based on 100Hz Hibernate clock, which expected to have 40% tolerance.
Rest1_Downshift
Address: 0x15
Access: Read/Write
Reset Value: 0x1f
Bit
76543210
Field
R1D7
R1D6
R1D5
R1D4
R1D3
R1D2
R1D1
R1D0
This register set the Rest 1 to Rest 2 downshift time.
Rest1 Downshift time = R1D[7:0] x 16 x Rest1_Rate.
Default value: 31 x 16 x 20ms (Rest1_Rate default) = 9,920ms = 9.92s
Min: 1 x 16 x 20ms (Rest1_Rate min) = 320ms
Max: 242 x 16 x 2.56s (Rest1_Rate max) = 9,912s = 165min = 2.75hr
All the above values are calculated based on 100Hz Hibernate clock, which expected to have 40% tolerance.
PixArt Imaging Inc.
ADNS-7530 Integrated Molded Lead-Frame DIP Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com