Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Model1 Datasheet(PDF) 8 Page - Analog Devices

Part # Model1
Description  Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

Model1 Datasheet(HTML) 8 Page - Analog Devices

Back Button Model1 Datasheet HTML 4Page - Analog Devices Model1 Datasheet HTML 5Page - Analog Devices Model1 Datasheet HTML 6Page - Analog Devices Model1 Datasheet HTML 7Page - Analog Devices Model1 Datasheet HTML 8Page - Analog Devices Model1 Datasheet HTML 9Page - Analog Devices Model1 Datasheet HTML 10Page - Analog Devices Model1 Datasheet HTML 11Page - Analog Devices Model1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ADA4841-1/ADA4841-2
Rev. E | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
RL = 1 kΩ, unless otherwise noted.
3
–12
0.1
10
FREQUENCY (MHz)
1
0
–3
–6
–9
VOUT = 2V pp
VS = 5V
G = +1
G = +10
G = +2
Figure 6. Large Signal Frequency Response vs. Gain
6
–9
0.1
100
FREQUENCY (MHz)
110
3
0
–3
–6
VIN = 20mV p-p
G = +1
VS = 5V
20pF
WITH
100
Ω SNUBBER
0pF
10pF
20pF
Figure 7. Small Signal Frequency Response vs. Capacitive Load
3
–12
0.1
100
FREQUENCY (MHz)
110
0
–3
–6
–9
VIN = 20mV p-p
VS = 5V
G = –1
G = +1
G = +10
Figure 8. Small Signal Frequency Response vs. Gain
3
–9
0.1
100
FREQUENCY (MHz)
110
0
–3
–6
VS = 5V
VIN = 20mV p-p
G = +1
–40°C
+125°C
+25°C
Figure 9. Small Signal Frequency Response vs. Temperature
2
–6
0.1
100
FREQUENCY (MHz)
110
VS = +3V
VS = +5V
VS = ±5V
1
0
–1
–2
–3
–4
–5
VIN = 20mV p-p
G = +1
Figure 10. Small Signal Frequency Response vs. Supply Voltage
3
–9
0.1
100
FREQUENCY (MHz)
110
0
–3
–6
VS = ±5V
G = +1
2V p-p
400mV p-p
10mV p-p
20mV p-p
100mV p-p
Figure 11. Frequency Response for Various VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com