Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Model1 Datasheet(PDF) 17 Page - Analog Devices

Part # Model1
Description  Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

Model1 Datasheet(HTML) 17 Page - Analog Devices

Back Button Model1 Datasheet HTML 13Page - Analog Devices Model1 Datasheet HTML 14Page - Analog Devices Model1 Datasheet HTML 15Page - Analog Devices Model1 Datasheet HTML 16Page - Analog Devices Model1 Datasheet HTML 17Page - Analog Devices Model1 Datasheet HTML 18Page - Analog Devices Model1 Datasheet HTML 19Page - Analog Devices Model1 Datasheet HTML 20Page - Analog Devices Model1 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
ADA4841-1/ADA4841-2
Rev. E | Page 16 of 20
The POWER DOWN pin is protected with ESD clamps,
as shown in
. Voltages beyond the power supplies
cause these diodes to conduct. The guidelines for limiting the
overload current in the input protection section should also be
followed for the
Figure 48
POWER DOWN pin.
POWER-DOWN OPERATION
Figure 48 shows the ADA4841-1 power-down circuitry. If the
POWER DOWN pin is left unconnected, then the base of the
input PNP transistor is pulled high through the internal pull-up
resistor to the positive supply, and the part is turned on. Pulling
the POWER DOWN pin approximately 1.7 V below the positive
supply turns the part off, reducing the supply current to
approximately 40 μA.
VCC
VEE
POWER DOWN
ESD
ESD
IBIAS
TO
AMPLIFIER
BIAS
Figure 48. POWER DOWN Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com