Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Model1 Datasheet(PDF) 1 Page - Analog Devices

Part # Model1
Description  Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

Model1 Datasheet(HTML) 1 Page - Analog Devices

  Model1 Datasheet HTML 1Page - Analog Devices Model1 Datasheet HTML 2Page - Analog Devices Model1 Datasheet HTML 3Page - Analog Devices Model1 Datasheet HTML 4Page - Analog Devices Model1 Datasheet HTML 5Page - Analog Devices Model1 Datasheet HTML 6Page - Analog Devices Model1 Datasheet HTML 7Page - Analog Devices Model1 Datasheet HTML 8Page - Analog Devices Model1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Low Power, Low Noise and Distortion,
Rail-to-Rail Output Amplifiers
ADA4841-1/ADA4841-2
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Low power: 1.1 mA/amp
Low wideband noise
2.1 nV/√Hz
1.4 pA/√Hz
Low 1/f noise
7 nV/√Hz @ 10 Hz
13 pA/√Hz @ 10 Hz
Low distortion: −105 dBc @ 100 kHz, VO = 2 V p-p
High speed
80 MHz, −3 dB bandwidth (G = +1)
12 V/μs slew rate
175 ns settling time to 0.1%
Low offset voltage: 0.3 mV maximum
Rail-to-rail output
Power down
Wide supply range: 2.7 V to 12 V
APPLICATIONS
Low power, low noise signal processing
Battery-powered instrumentation
16-bit PulSAR® ADC drivers
CONNECTION DIAGRAMS
VOUT
3
4
6
5
27
18
–VS
–IN
+IN
+VS
NC
NC
POWER DOWN
ADA4841-1
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead SOIC (R)
VOUT 1
–VS 2
+IN 3
+VS
6
POWER DOWN
5
–IN
4
ADA4841-1
Figure 2. 6-Lead SOT-23 (RJ)
OUT1 1
–IN1 2
+IN1 3
–VS 4
+VS
8
OUT2
7
–IN2
6
+IN2
5
ADA4841-2
TOP VIEW
(Not to Scale)
NOTES
1. FOR 8-LEAD LFCSP_WD, CONNECT
EXPOSED PADDLE TO GND.
Figure 3. 8-Lead MSOP (RM), 8-Lead SOIC_N (R), and 8-Lead LFCSP_WD (CP)
GENERAL DESCRIPTION
The ADA4841-1/ADA4841-2 are unity gain stable, low noise
and distortion, rail-to-rail output amplifiers that have a quiescent
current of 1.5 mA maximum. In spite of their low power
consumption, these amplifiers offer low wideband voltage
noise performance of 2.1 nV/√Hz and 1.4 pA/√Hz current noise,
along with excellent spurious-free dynamic range (SFDR) of
−105 dBc at 100 kHz. To maintain a low noise environment at
lower frequencies, the amplifiers have low 1/f noise of 7 nV/√Hz
and 13 pA/√Hz at 10 Hz.
The ADA4841-1/ADA4841-2 output can swing to less than
50 mV of either rail. The input common-mode voltage range
extends down to the negative supply. The ADA4841-1/
ADA4841-2 can drive up to 10 pF of capacitive load with
minimal peaking.
The ADA4841-1/ADA4841-2 provide the performance required
to efficiently support emerging 16-bit to 18-bit ADCs and are
ideal for portable instrumentation, high channel count, industrial
measurement, and medical applications. The ADA4841-1/
ADA4841-2 are ideally suited to drive the AD7685/AD7686,
16-bit PulSAR ADCs.
The ADA4841-1/ADA4841-2 packages feature RoHS compliant
lead finishes. The amplifiers are rated to work over the
industrial temperature range (−40°C to +125°C).
–30
–120
0.01
1
FREQUENCY (MHz)
0.1
2V p-p THIRD
–40
–50
–60
–70
–80
–90
–100
–110
VS = ±5V
G = +1
2V p-p SECOND
Figure 4. Harmonic Distortion


Similar Part No. - Model1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL100 VISHAY-MODEL100 Datasheet
289Kb / 4P
1 5/16 (33.3 mm) Single Turn Wirewound Precision Potentiometer
28-Jun-07
MODEL120E VISHAY-MODEL120E Datasheet
314Kb / 3P
Incremental Optical Encoder Contactless Technology (128 Pulses per Turn)
20-Mar-07
MODEL122 VISHAY-MODEL122 Datasheet
277Kb / 4P
1 1/16 (27 mm) Single Turn Wirewound Precision Potentiometer
03-Jul-07
logo
Pomona Electronics
MODEL1269 POMONA-MODEL1269 Datasheet
33Kb / 1P
BNC (Female) To Double Stacking Banana Plugs
MODEL1270 POMONA-MODEL1270 Datasheet
33Kb / 1P
BNC (Male) To Double Stacking Banana Plug
More results

Similar Description - Model1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4841-1 AD-ADA4841-1 Datasheet
588Kb / 20P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifier
3/06-Rev. B to Rev. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
ADA4841-2YCPZ-R7 AD-ADA4841-2YCPZ-R7 Datasheet
631Kb / 21P
Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
logo
Texas Instruments
THS4226 TI1-THS4226 Datasheet
1Mb / 41P
LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
ADA4841-1 AD-ADA4841-1_15 Datasheet
508Kb / 20P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. F
ADA4841-2 AD-ADA4841-2_15 Datasheet
508Kb / 20P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. F
ADA4841-1 AD-ADA4841-1_17 Datasheet
667Kb / 20P
Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
Rev. G
logo
Texas Instruments
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
Low Noise, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com