Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Model1 Datasheet(PDF) 9 Page - Analog Devices

Part # Model1
Description  Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

Model1 Datasheet(HTML) 9 Page - Analog Devices

Back Button Model1 Datasheet HTML 5Page - Analog Devices Model1 Datasheet HTML 6Page - Analog Devices Model1 Datasheet HTML 7Page - Analog Devices Model1 Datasheet HTML 8Page - Analog Devices Model1 Datasheet HTML 9Page - Analog Devices Model1 Datasheet HTML 10Page - Analog Devices Model1 Datasheet HTML 11Page - Analog Devices Model1 Datasheet HTML 12Page - Analog Devices Model1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ADA4841-1/ADA4841-2
Rev. E | Page 8 of 20
140
–20
10
100M
FREQUENCY (Hz)
–40
–160
–60
–80
–100
–120
–140
100
1k
10k
100k
1M
10M
0
20
40
60
80
100
120
VS = 5V
MAGNITUDE
PHASE
0
–20
Figure 12. Open-Loop Gain and Phase vs. Frequency
–30
–130
0.01
1
FREQUENCY (MHz)
0.1
–40
–50
–60
–70
–80
–90
–100
–110
–120
VS = + 5V
VOUT = 2V p-p
G = +5 SECOND
G = +2 SECOND
G = +5 THIRD
G = +2 THIRD
G = +1 THIRD
G = +1 SECOND
Figure 13. Harmonic Distortion vs. Frequency for Various Gains
–30
0.01
1
FREQUENCY (MHz)
0.1
–40
–50
–60
–70
–80
–90
–100
–110
–120
VS = ±5V
G = +1
8V p-p THIRD
8V p-p SECOND
4V p-p THIRD
4V p-p SECOND
2V p-p THIRD
2V p-p SECOND
Figure 14. Harmonic Distortion vs. Frequency for Various Output Voltages
–30
–130
0.01
1
FREQUENCY (MHz)
0.1
–40
–50
–60
–70
–80
–90
–100
–110
–120
VOUT = 2V p-p
G = +2
±5V THIRD
+5V THIRD
±5V SECOND
+3V SECOND
+3V THIRD
+5V SECOND
Figure 15. Harmonic Distortion vs. Frequency for Various Supplies
10
1
10
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
VS = ±5V
Figure 16. Voltage Noise vs. Frequency
100
0.1
10
1M
FREQUENCY (Hz)
100
1k
10k
100k
1
10
VS = ±5V
Figure 17. Current Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com