Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Model1 Datasheet(PDF) 15 Page - Analog Devices

Part # Model1
Description  Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

Model1 Datasheet(HTML) 15 Page - Analog Devices

Back Button Model1 Datasheet HTML 11Page - Analog Devices Model1 Datasheet HTML 12Page - Analog Devices Model1 Datasheet HTML 13Page - Analog Devices Model1 Datasheet HTML 14Page - Analog Devices Model1 Datasheet HTML 15Page - Analog Devices Model1 Datasheet HTML 16Page - Analog Devices Model1 Datasheet HTML 17Page - Analog Devices Model1 Datasheet HTML 18Page - Analog Devices Model1 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
ADA4841-1/ADA4841-2
Rev. E | Page 14 of 20
The output noise spectral density can be calculated by
[]
2
2
2
2
2
2
2
4
4
1
4
F
G
F
S
G
F
R
ien
kTRg
R
R
ven
R
ien
kTRs
R
R
kTRf
en
vout
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
=
_
(6)
where:
k is Boltzmann’s Constant.
T is the absolute temperature, degrees Kelvin.
ien is the amplifier input current noise spectral density, pA/√Hz.
ven is the amplifier input voltage spectral density, nV/√Hz.
RS is the source resistance as shown in Figure 40.
RF and RG are the feedback network resistances, as shown in
Figure 40.
Source resistance noise, amplifier voltage noise (ven), and the
voltage noise from the amplifier current noise (ien × RS) are
all subject to the noise gain term (1 + RF/RG). Note that with a
2.1 nV/√Hz input voltage noise and 1.4 pA/√Hz input current,
the noise contributions of the amplifier are relatively small for
source resistances between approximately 200 Ω and 30 kΩ.
shows the total RTI noise due to the amplifier vs. the
source resistance. In addition, the value of the feedback resistors
used impacts the noise. It is recommended to keep the value of
feedback resistors between 250 Ω and 1 kΩ to keep the total
noise low.
Figure 41
1000
0.1
10
100k
SOURCE RESISTANCE (
Ω)
100
10
1
100
1k
10k
TOTAL AMPLIFIER NOISE
SOURCE RESISTANCE NOISE
AMPLIFIER + RESISTOR NOISE
Figure 41. RTI Noise vs. Source Resistance
HEADROOM CONSIDERATIONS
The ADA4841-1/ADA4841-2 are designed to provide maximum
input and output signal ranges with 16-bit to 18-bit dc linearity.
As the input or output headroom limits are reached, the signal
linearity degrades.
The input stage positive limit is almost exactly a volt below the
positive supply at room temperature. Input voltages above that
start to show clipping behavior. The positive input voltage limit
increases with temperature with a coefficient of about 2 mV/°C.
The lower supply limit is nominally below the minus supply;
therefore, in a standard gain configuration, the output stage
limits the signal headroom on the negative supply side. Figure 42
and Figure 43 show the nominal CMRR behavior at the limits of
the input headroom for three temperatures—this is generated
using the subtractor topology shown in Figure 44, which avoids
the output stage limitation.
300
–300
3.00
5.00
COMMON-MODE VOLTAGE (V)
260
220
180
140
100
60
20
–20
–60
–100
–140
–180
–220
–260
3.20 3.40 3.60 3.80 4.00 4.20 4.40 4.60 4.80
–40°C
+25°C
+125°C
Figure 42. +CMV vs. Common-Mode Error vs. VOS
0
–800
–6.00
–4.00
COMMON-MODE VOLTAGE (V)
–50
–100
–150
–200
–250
–300
–350
–400
–450
–500
–550
–600
–650
–700
–750
–5.80 –5.60 –5.40 –5.20 –5.00 –4.80 –4.60 –4.40 –4.20
–40°C
+25°C
+125°C
Figure 43. −CMV vs. Common-Mode Error vs. VOS
+ VOUT –
– VCM +
Figure 44. Common-Range Subtractor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com