Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Model1 Datasheet(PDF) 21 Page - Analog Devices

Part # Model1
Description  Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

Model1 Datasheet(HTML) 21 Page - Analog Devices

Back Button Model1 Datasheet HTML 13Page - Analog Devices Model1 Datasheet HTML 14Page - Analog Devices Model1 Datasheet HTML 15Page - Analog Devices Model1 Datasheet HTML 16Page - Analog Devices Model1 Datasheet HTML 17Page - Analog Devices Model1 Datasheet HTML 18Page - Analog Devices Model1 Datasheet HTML 19Page - Analog Devices Model1 Datasheet HTML 20Page - Analog Devices Model1 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
ADA4841-1/ADA4841-2
Rev. E | Page 20 of 20
2.54
2.44
2.34
TOP VIEW
8
1
5
4
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
0.80
0.75
0.70
1.80
1.70
1.60
0.203 REF
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
3.10
3.00 SQ
2.90
PIN 1
INDICATOR
(R 0.15)
FORPROPERCONNECTIONOF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION
OF THIS DATA SHEET.
COPLANARITY
0.08
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-229-WEED
Figure 55. 8-Lead Lead Frame Chip Scale Package [LFCSP_WD]
3 mm × 3 mm Body, Very Very Thin, Dual Lead
(CP-8-11)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Ordering Quantity
Branding
ADA4841-1YRZ
−40°C to +125°C
8-Lead SOIC_N
R-8
1
ADA4841-1YRZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADA4841-1YRZ-RL
−40°C to +125°C
8-Lead SOIC_N
R-8
2,500
ADA4841-1YRJZ-R2
−40°C to +125°C
6-Lead SOT-23
RJ-6
250
HQB
ADA4841-1YRJZ-R7
−40°C to +125°C
6-Lead SOT-23
RJ-6
3,000
HQB
ADA4841-1YRJZ-RL
−40°C to +125°C
6-Lead SOT-23
RJ-6
10,000
HQB
ADA4841-2YRMZ
−40°C to +125°C
8-Lead MSOP
RM-8
1
HRB
ADA4841-2YRMZ-R7
−40°C to +125°C
8-Lead MSOP
RM-8
1,000
HRB
ADA4841-2YRMZ-RL
−40°C to +125°C
8-Lead MSOP
RM-8
3,000
HRB
ADA4841-2YRZ
−40°C to +125°C
8-Lead SOIC_N
R-8
1
ADA4841-2YRZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADA4841-2YRZ-RL
−40°C to +125°C
8-Lead SOIC_N
R-8
2,500
ADA4841-2YCPZ-R2
−40°C to +125°C
8-Lead LFCSP_WD
CP-8-11
250
HRB
ADA4841-2YCPZ-R7
−40°C to +125°C
8-Lead LFCSP_WD
CP-8-11
1,500
HRB
ADA4841-2YCPZ-RL
−40°C to +125°C
8-Lead LFCSP_WD
CP-8-11
5,000
HRB
ADA4841-1YR-EBZ
−40°C to +125°C
Evaluation Board
ADA4841-1YRJ-EBZ
−40°C to +125°C
Evaluation Board
ADA4841-2YRM-EBZ
−40°C to +125°C
Evaluation Board
ADA4841-2YR-EBZ
−40°C to +125°C
Evaluation Board
1 Z = RoHS Compliant Part.
©2005–2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05614–0–12/10(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com