Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7682BCPZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD7682BCPZ
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682BCPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7682BCPZ Datasheet HTML 24Page - Analog Devices AD7682BCPZ Datasheet HTML 25Page - Analog Devices AD7682BCPZ Datasheet HTML 26Page - Analog Devices AD7682BCPZ Datasheet HTML 27Page - Analog Devices AD7682BCPZ Datasheet HTML 28Page - Analog Devices AD7682BCPZ Datasheet HTML 29Page - Analog Devices AD7682BCPZ Datasheet HTML 30Page - Analog Devices AD7682BCPZ Datasheet HTML 31Page - Analog Devices AD7682BCPZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
AD7682/AD7689
Data Sheet
Rev. D | Page 32 of 32
OUTLINE DIMENSIONS
2.65
2.50 SQ
2.35
3.75
BSC SQ
COMPLIANT
TO JEDEC STANDARDS MO-220-VGGD-1
1
0.50
BSC
PIN 1
INDICATOR
0.50
0.40
0.30
TOP VIEW
12° MAX
0.80 MAX
0.65 TYP
SEATING
PLANE
PIN 1
INDICATOR
COPLANARITY
0.08
1.00
0.85
0.80
0.30
0.23
0.18
0.05 MAX
0.02 NOM
0.20 REF
20
6
16
10
11
15
5
0.60 MAX
0.60 MAX
0.25 MIN
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
4.10
4.00 SQ
3.90
EXPOSED
PAD
(BOTTOM VIEW)
Figure 44. 20-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
4 mm × 4 mm Body, Very Thin Quad
(CP-20-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Integral
Nonlinearity
No Missing
Code
Temperature
Range
Package Description
Package
Option
Ordering
Quantity
AD7682BCPZ
±2 LSB max
16 bits
−40°C to +85°C
20-Lead QFN (LFCSP_VQ)
CP-20-4
Tray, 490
AD7682BCPZRL7
±2 LSB max
16 bits
−40°C to +85°C
20-Lead QFN (LFCSP_VQ)
CP-20-4
Reel, 1,500
AD7689ACPZ
±6 LSB max
15 bits
−40°C to +85°C
20-Lead QFN (LFCSP_VQ)
CP-20-4
Tray, 490
AD7689ACPZRL7
±6 LSB max
15 bits
−40°C to +85°C
20-Lead QFN (LFCSP_VQ)
CP-20-4
Reel, 1,500
AD7689BCPZ
±2 LSB max
16 bits
−40°C to +85°C
20-Lead QFN (LFCSP_VQ)
CP-20-4
Tray, 490
AD7689BCPZRL7
±2 LSB max
16 bits
−40°C to +85°C
20-Lead QFN (LFCSP_VQ)
CP-20-4
Reel, 1,500
EVAL-AD7682EDZ
Evaluation Board
EVAL-AD7689EDZ
Evaluation Board
EVAL-CED1Z
Converter Evaluation and
Development Board
1 Z = RoHS Compliant Part.
2 The EVAL-CED1Z controller board allows a PC to control and communicate with all Analog Devices evaluation boards whose model numbers end in ED.
©2008–2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07353-0-4/12(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com