Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7682BCPZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD7682BCPZ
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682BCPZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7682BCPZ Datasheet HTML 24Page - Analog Devices AD7682BCPZ Datasheet HTML 25Page - Analog Devices AD7682BCPZ Datasheet HTML 26Page - Analog Devices AD7682BCPZ Datasheet HTML 27Page - Analog Devices AD7682BCPZ Datasheet HTML 28Page - Analog Devices AD7682BCPZ Datasheet HTML 29Page - Analog Devices AD7682BCPZ Datasheet HTML 30Page - Analog Devices AD7682BCPZ Datasheet HTML 31Page - Analog Devices AD7682BCPZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD7682/AD7689
Data Sheet
Rev. D | Page 30 of 32
READ/WRITE SPANNING CONVERSION WITH A
BUSY INDICATOR
This mode is used when the AD7682/AD7689 are connected to
any host using an SPI, serial port, or FPGA with an interrupt
input. The connection diagram is shown in Figure 42, and the
corresponding timing is given in Figure 43. For the SPI, the
host should use CPHA = CPOL = 1. Reading/writing spanning
conversion is shown, which covers all three modes detailed in
the Digital Interface section.
A rising edge on CNV initiates a conversion, ignores data
present on DIN and forces SDO to high impedance. After the
conversion is initiated, it continues until completion irrespec-
tive of the state of CNV. CNV must be returned low before the
safe data transfer time, tDATA, and then held low beyond the
conversion time, tCONV, to generate the busy signal indicator.
When the conversion is complete, SDO transitions from high
impedance to low (data ready), and with a pull-up to VIO, SDO
can be used to interrupt the host to begin data transfer.
After the conversion is complete, the AD7682/AD7689 enter
the acquisition phase and power-down. The host must enable
the MSB of the CFG register at this time (if necessary) to begin
the CFG update. While CNV is low, both a CFG update and a
data readback take place. The first 14 SCK rising edges are used to
update the CFG register, and the first 16 SCK falling edges clock
out the conversion results starting with the MSB. The restric-
tion for both configuring and reading is that they both occur
before the tDATA time elapses for the next conversion. All 14 bits of
CFG[13:0] must be written or they are ignored. Also, if the 16-bit
conversion result is not read back before tDATA elapses, it is lost.
The SDO data is valid on both SCK edges. Although the rising
edge can be used to capture the data, a digital host using the
SCK falling edge allows a faster reading rate, provided it has an
acceptable hold time. After the optional 17th (or 31st) SCK
falling edge, SDO returns to high impedance. Note that if the
optional SCK falling edge is not used, the busy feature cannot
be detected, as described in the General Timing with a Busy
Indicator section.
If CFG readback is enabled, the CFG register associated with
the conversion result is read back MSB first following the LSB of
the conversion result. A total of 31 SCK falling edges is required
to return SDO to high impedance if this is enabled.
AD7682/
AD7689
MISO
MOSI
SCK
SS
SDO
VIO
FOR SPI USE CPHA = 1, CPOL = 1.
SCK
CNV
DIN
DIGITAL HOST
IRQ
Figure 42. Connection Diagram for the AD7682/AD7689 with a Busy Indicator
SCK
ACQUISITION (n)
ACQUISITION
(n + 1)
CNV
DIN
SDO
MSB
MSB
– 1
1
2
BEGIN DATA (n – 1)
BEIGN CFG (n + 1)
CFG
MSB
LSB
+ 1
LSB
15
15
SEE NOTE
SEE NOTE
NOTES:
1. THE LSB IS FOR CONVERSION RESULTS OR THE CONFIGURATION REGISTER CFG (n – 1) IF
16 SCK FALLING EDGES = LSB OF CONVERSION RESULTS.
30 SCK FALLING EDGES = LSB OF CONFIGURATION REGISTER.
ON THE 17TH OR 31st SCK FALLING EDGE, SDO IS DRIVEN TO HIGH IMPENDANCE.
OTHERWISE, THE LSB REMAINS ACTIVE UNTIL THE BUSY INDICATOR IS DRIVEN LOW.
16
16
17/
31
17/
31
CONVERSION (n)
CONVERSION
(n – 1)
(QUIET
TIME)
END DATA (n – 2)
END DATA (n – 1)
END CFG (n + 1)
END CFG (n)
X
XX
X
X
X
tDATA
UPDATE (n + 1)
CFG/SDO
LSB
+ 1
LSB
CONVERSION (n – 1)
(QUIET
TIME)
UPDATE (n)
CFG/SDO
tCYC
tACQ
tHDIN
tHSDO
tDSDO
tSDIN
tDATA
tCONV
tCNVH
tDIS
tDIS
tDIS
tEN
tEN
tEN
CFG
MSB –1
tSCK
tSCKH
tSCKL
Figure 43. Serial Interface Timing for the AD7682/AD7689 with a Busy Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com