Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7682BCPZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD7682BCPZ
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682BCPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7682BCPZ Datasheet HTML 19Page - Analog Devices AD7682BCPZ Datasheet HTML 20Page - Analog Devices AD7682BCPZ Datasheet HTML 21Page - Analog Devices AD7682BCPZ Datasheet HTML 22Page - Analog Devices AD7682BCPZ Datasheet HTML 23Page - Analog Devices AD7682BCPZ Datasheet HTML 24Page - Analog Devices AD7682BCPZ Datasheet HTML 25Page - Analog Devices AD7682BCPZ Datasheet HTML 26Page - Analog Devices AD7682BCPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
AD7682/AD7689
Rev. D | Page 23 of 32
POWER SUPPLY
SUPPLYING THE ADC FROM THE REFERENCE
The AD7682/AD7689 use two power supply pins: an analog
and digital core supply (VDD) and a digital input/output inter-
face supply (VIO). VIO allows direct interface with any logic
between 1.8 V and VDD. To reduce the supplies needed, the
VIO and VDD pins can be tied together. The AD7682/AD7689
are independent of power supply sequencing between VIO and
VDD. Additionally, it is very insensitive to power supply varia-
tions over a wide frequency range, as shown in Figure 34.
For simplified applications, the AD7682/AD7689, with their
low operating current, can be supplied directly using an
external reference circuit like the one shown in Figure 36. The
reference line can be driven by:
•
The system power supply directly
•
A reference voltage with enough current output capability,
such as the ADR43x/ADR44x
•
A reference buffer, such as the AD8605, which can also
filter the system power supply, as shown in Figure 36
75
70
65
60
55
50
45
40
35
30
1
10k
10
100
1k
FREQUENCY (kHz)
AD8605
AD7689
VIO
REF
VDD
10µF
1µF
0.1µF
10Ω
10kΩ
5V
5V
5V
1µF
1
1OPTIONAL REFERENCE BUFFER AND FILTER.
0.1µF
Figure 36. Example of an Application Circuit
Figure 34. PSRR vs. Frequency
The AD7682/AD7689 power down automatically at the end of
each conversion phase; therefore, the operating currents and
power scale linearly with the sampling rate. This makes the part
ideal for low sampling rates (even of a few hertz) and low
battery-powered applications.
10,000
1000
100
10
1
0.1
0.010
0.001
10
1M
100
1k
10k
100k
SAMPLING RATE (SPS)
VDD = 5V, INTERNAL REF
VDD = 5V, EXTERNAL REF
VDD = 2.5V, EXTERNAL REF
VIO
Figure 35. Operating Currents vs. Sampling Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com