Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7682BCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD7682BCPZ
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682BCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7682BCPZ Datasheet HTML 7Page - Analog Devices AD7682BCPZ Datasheet HTML 8Page - Analog Devices AD7682BCPZ Datasheet HTML 9Page - Analog Devices AD7682BCPZ Datasheet HTML 10Page - Analog Devices AD7682BCPZ Datasheet HTML 11Page - Analog Devices AD7682BCPZ Datasheet HTML 12Page - Analog Devices AD7682BCPZ Datasheet HTML 13Page - Analog Devices AD7682BCPZ Datasheet HTML 14Page - Analog Devices AD7682BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD7682/AD7689
Rev. D | Page 11 of 32
Pin No.
AD7682
Mnemonic
AD7689
Mnemonic
Type1
Description
14
SDO
SDO
DO
Serial Data Output. The conversion result is output on this pin, synchronized to SCK. In
unipolar modes, conversion results are straight binary; in bipolar modes, conversion
results are twos complement.
15
VIO
VIO
P
Input/Output Interface Digital Power. Nominally at the same supply as the host interface
(1.8 V, 2.5 V, 3 V, or 5 V).
16
IN0
IN0
AI
Analog Input Channel 0.
17
NC
IN1
AI
AD7682: no connection.
AD7689: Analog Input Channel 1.
18
IN1
IN2
AI
AD7682: Analog Input Channel 1.
AD7689: Analog Input Channel 2.
19
NC
IN3
AI
AD7682: no connection.
AD7689: Analog Input Channel 3.
21
(EPAD)
Exposed Pad
(EPAD)
Exposed
Pad (EPAD)
NC
The exposed pad is not connected internally. For increased reliability of the solder joints,
it is recommended that the pad be soldered to the system ground plane.
1AI = analog input, AI/O = analog input/output, DI = digital input, DO = digital output, P = power, NC = no internal connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com