Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7682BCPZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD7682BCPZ
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682BCPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7682BCPZ Datasheet HTML 23Page - Analog Devices AD7682BCPZ Datasheet HTML 24Page - Analog Devices AD7682BCPZ Datasheet HTML 25Page - Analog Devices AD7682BCPZ Datasheet HTML 26Page - Analog Devices AD7682BCPZ Datasheet HTML 27Page - Analog Devices AD7682BCPZ Datasheet HTML 28Page - Analog Devices AD7682BCPZ Datasheet HTML 29Page - Analog Devices AD7682BCPZ Datasheet HTML 30Page - Analog Devices AD7682BCPZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
AD7682/AD7689
Rev. D | Page 27 of 32
GENERAL TIMING WITH A BUSY INDICATOR
Figure 38 details the timing for all three modes: read/write
during conversion (RDC), read/write after conversion (RAC),
and read/write spanning conversion (RSC). Note that the gating
item for both CFG and data readback is at the end of conversion
(EOC). As detailed previously, the data access should occur up
to safe data reading/writing time, tDATA. If the full CFG word is
not written to prior to EOC, it is discarded and the current
configuration remains.
At the EOC, if CNV is low, the busy indicator is enabled. In
addition, to generate the busy indicator properly, the host must
assert a minimum of 17 SCK falling edges to return SDO to high
impedance because the last bit on SDO remains active. Unlike the
case detailed in the Read/Write Spanning Conversion Without a
Busy Indicator section, if the conversion result is not read out
fully prior to EOC, the last bit clocked out remains. If this bit is
low, the busy signal indicator cannot be generated because the
busy generation requires either a high impedance or a remaining
bit high-to-low transition. A good example of this occurs when
an SPI host sends 16 SCKs because these are usually limited to
8-bit or 16-bit bursts; thus the LSB remains. Because the transi-
tion noise of the AD7682/AD7689 is 4 LSBs peak to peak (or
greater), the LSB is low 50% of the time. For this interface, the SPI
host needs to burst 24 SCKs, or a QSPI interface can be used and
programmed for 17 SCKs.
The SCK can idle high or low depending on the CPOL and
CPHA settings if SPI is used. A simple solution is to use CPOL =
CPHA = 1 (not shown) with SCK idling high.
From power-up, in any read/write mode, the first three conver-
sion results are undefined because a valid CFG does not take
place until the 2nd EOC; thus, two dummy conversions are
required. Also, if the state machine writes the CFG during the
power-up state (RDC shown), the CFG register needs to be
rewritten again at the next phase. Note that the first valid data
occurs in Phase (n + 1) when the CFG register is written during
Phase (n − 1).
ACQUISITION
(n – 1) UNDEFINED
ACQUISITION
(n)
ACQUISITION
(n + 1)
ACQUISITION
(n + 2)
PHASE
POWER
UP
EOC
EOC
START OF CONVERSION
(SOC)
EOC
EOC
CONVERSION
(n)
CONVERSION
(n + 1)
CONVERSION
(n – 2) UNDEFINED
tCONV
tCYC
tDATA
CNV
CNV
CNV
DIN
RDC
RAC
RSC
SDO
NOTES
1. CNV MUST BE LOW PRIOR TO THE END OF CONVERSION (EOC) TO GENERATE THE BUSY INDICATOR.
2. A TOTAL OF 17 SCK FALLING EDGES ARE REQUIRED TO RETURN SDO TO HIGH-Z. IF CFG READBACK IS ENABLED,
A TOTAL OF 31 SCK FALLING EDGES IS REQUIRED TO RETURN SDO TO HIGH-Z.
DATA (n)
DATA (n – 1)
XXX
DATA (n – 2)
XXX
DATA (n – 2)
XXX
DATA (n – 2)
XXX
DATA (n – 2)
XXX
DATA (n – 1)
XXX
DATA (n – 1)
XXX
DATA (n – 1)
XXX
DATA (n – 3)
XXX
DIN
SDO
DATA (n + 1)
DATA (n)
DATA (n)
DATA (n)
DATA (n + 1)
DIN
CFG (n)
CFG (n + 2)
CFG (n + 1)
CFG (n + 3)
SDO
SCK
1
1
1
1
SCK
1n
n + 1
17
17
17
17
17
17
17
17
1
n
n + 1
17
1
n
n + 1
17
SCK
1
1
1
1
1
XXX
NOTE 1
NOTE 1
NOTE 1
NOTE 2
NOTE 2
NOTE 2
CFG (n)
CFG (n + 1)
CFG (n + 2)
CFG (n)
CFG (n + 1)
CFG (n + 2)
CFG (n + 3)
CONVERSION
(n – 1) UNDEFINED
Figure 38. General Interface Timing for the AD7682/AD7689 With a Busy Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com