Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7682BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7682BCPZ
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD7682BCPZ Datasheet HTML 1Page - Analog Devices AD7682BCPZ Datasheet HTML 2Page - Analog Devices AD7682BCPZ Datasheet HTML 3Page - Analog Devices AD7682BCPZ Datasheet HTML 4Page - Analog Devices AD7682BCPZ Datasheet HTML 5Page - Analog Devices AD7682BCPZ Datasheet HTML 6Page - Analog Devices AD7682BCPZ Datasheet HTML 7Page - Analog Devices AD7682BCPZ Datasheet HTML 8Page - Analog Devices AD7682BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
AD7682/AD7689
Rev. D | Page 5 of 32
AD7689A
AD7682B/AD7689B
Parameter
Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
Total Harmonic Distortion
(THD)
fIN = 20 kHz
−97
−100
dB
Spurious-Free Dynamic
Range
fIN = 20 kHz
105
110
dB
Channel-to-Channel Crosstalk
fIN = 100 kHz on
adjacent channel(s)
−120
−125
dB
SAMPLING DYNAMICS
−3 dB Input Bandwidth
Full bandwidth
1.7
1.7
MHz
¼ Bandwidth
0.425
0.425
MHz
Aperture Delay
VDD = 5 V
2.5
2.5
ns
1 See the
section.
Analog Inputs
2 The bandwidth is set in the configuration register.
3 LSB means least significant bit. With the 5 V input range, one LSB is 76.3 μV.
4 See the Terminology section. These specifications include full temperature range variation but not the error contribution from the external reference.
5 With VDD = 5 V, unless otherwise noted.
6 All specifications expressed in decibels are referred to a full-scale input FSR and tested with an input signal at 0.5 dB below full scale, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com