Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 260 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 260 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 256Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 257Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 258Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 259Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 260Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 261Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 262Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 263Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 264Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 258
© 2009 Microchip Technology Inc.
25.1
DC Characteristics
TABLE 25-1:
OPERATING MIPS VS. VOLTAGE
Characteristic
VDD Range
(in Volts)
Temp Range
(in °C)
Max MIPS
dsPIC33FJXXXGPX06/X08/X10
DC5
3.0-3.6V
-40°C to +85°C
40
TABLE 25-2:
THERMAL OPERATING CONDITIONS
Rating
Symbol
Min
Typ
Max
Unit
dsPIC33FJXXXGPX06/X08/X10
Operating Junction Temperature Range
TJ
-40
—
+125
°C
Operating Ambient Temperature Range
TA
-40
—
+85
°C
Power Dissipation:
Internal chip power dissipation:
PINT = VDD x (IDD -
Σ IOH)
PD
PINT + PI/O
W
I/O Pin Power Dissipation:
I/O =
Σ ({VDD - VOH} x IOH) + Σ (VOL x IOL)
Maximum Allowed Power Dissipation
PDMAX
(TJ - TA)/
θJA
W
TABLE 25-3:
THERMAL PACKAGING CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Notes
Package Thermal Resistance, 100-pin TQFP (14x14x1 mm)
θJA
40
—
°C/W
1
Package Thermal Resistance, 100-pin TQFP (12x12x1 mm)
θJA
40
—
°C/W
1
Package Thermal Resistance, 80-pin TQFP (12x12x1 mm)
θJA
40
—
°C/W
1
Package Thermal Resistance, 64-pin TQFP (10x10x1 mm)
θJA
40
—
°C/W
1
Note 1: Junction to ambient thermal resistance, Theta-JA (
θJA) numbers are achieved by package simulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com